Electronic Components Datasheet Search
  English  ▼

X  

593 Datasheet(PDF) 18 Page - Texas Instruments

Part # 593
Description  ADS1131REF and ADS1231REF
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

593 Datasheet(HTML) 18 Page - Texas Instruments

Back Button 593 Datasheet HTML 14Page - Texas Instruments 593 Datasheet HTML 15Page - Texas Instruments 593 Datasheet HTML 16Page - Texas Instruments 593 Datasheet HTML 17Page - Texas Instruments 593 Datasheet HTML 18Page - Texas Instruments 593 Datasheet HTML 19Page - Texas Instruments 593 Datasheet HTML 20Page - Texas Instruments 593 Datasheet HTML 21Page - Texas Instruments 593 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
Serial Console
www.ti.com
Recording time is not measured, but calculated from the number of samples collected. The speed is used
to determine the amount of time for each sample. If the data rate is changed at the board, the recording
time will be incorrect. This change does not affect the data file, except that samples continue to be
collected with the different settings.
In Recording mode, analysis proceeds as in Analysis mode; Recording mode is identical to Analysis
mode, except that data is written to a file. See the previous section for documentation on Analysis mode.
When Recording mode begins, if the selected file exists, it is erased and overwritten. The pre-existence of
the file is checked only when a new file is selected.
4.7.1
File Format
Data files begin with a header that contains the text collected from ADS1x31REF, the time of recording,
and the speed and gain. Following this header, values are written in either volts or raw codes, with one
value per line. Line separators are in DOS format, consisting of a carriage return and a line feed. This
format can be examined in a text editor and loaded or imported into most other software, including
spreadsheets.
Voltages are calculated using the reference voltage given in the Vref control; it is therefore important that
this value be correct.
5
Serial Console
The ADS1x31REF provides a console mode that can be used with any Windows terminal emulation
program, such as Hyperterm
™. In Windows, this configuration is done through the Virtual COM Port driver
supplied with the EVM software, causing the ADS1x31REF to appear in Windows as an extra serial port.
5.1
Using the Console
To use the console, load a terminal emulation program and connect to the EVM serial port using the
following parameters:
•
Baud rate: 115200
•
Data bits: 8
•
Parity: none
•
Stop bits: 1
•
Flow control: none
•
Local echo: off
•
Terminal emulation: ANSI or VT100
Setting up the terminal program is beyond the scope of this document; see the specific terminal program
documentation for details.
To locate the serial port, try higher port numbers first. When the board first starts, it outputs the following
message:
ADS1131REF 1.0.0 (c)2010 Texas Instruments
1131>
for the ADS1131, or :
ADS1231REF 1.0.0 (c)2010 Texas Instruments
1231>
for the ADS1231. Pressing Reset causes the board to output this message.
The command prompt is always 1131> for the ADS1131 and 1231> for the ADS1231. Commands are
entered at this prompt. Commands consist of one letter possibly followed by arguments. The format of the
arguments depends on the command.
Commands are case insensitive. Upper-case characters are printed here, but lower-case characters also
work.
18
ADS1131REF and ADS1231REF
SBAU175A
– July 2010 – Revised August 2011
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com