Electronic Components Datasheet Search
  English  ▼

X  

593 Datasheet(PDF) 27 Page - Texas Instruments

Part # 593
Description  ADS1131REF and ADS1231REF
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

593 Datasheet(HTML) 27 Page - Texas Instruments

Back Button 593 Datasheet HTML 23Page - Texas Instruments 593 Datasheet HTML 24Page - Texas Instruments 593 Datasheet HTML 25Page - Texas Instruments 593 Datasheet HTML 26Page - Texas Instruments 593 Datasheet HTML 27Page - Texas Instruments 593 Datasheet HTML 28Page - Texas Instruments 593 Datasheet HTML 29Page - Texas Instruments 593 Datasheet HTML 30Page - Texas Instruments 593 Datasheet HTML 31Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
C26
2.2uF
+3.3VD
TP11
EXTCLK
C43
C40
+5VA
C27
2.2uF
C6 0.1uF
C44
C45
R14
100
R15
100
C28
2.2uF
C31
100pF
C30
100pF
C38
MUR_NFM21PC105F1C3D
C39
MUR_NFM21PC105F1C3D
R23
0
R24
0
C7
0.1uF
C29
100pF
C32
100pF
SW7
SW-DPDT
+5VA
+5VA
TP13
VREF+
TP14
VREF-
TP9
SCLK
TP10
SPEED
TP12
PWDN
C41
C42
TP15
GND
J4
OST_ED555/4DS
1
2
3
4
5
6
J6
HEADER-6
+5VA
EXC+
EXCSNS+
SIG+
SIG-
EXCSNS-
EXC-
C4
100uF
J8
R26
20K
R25
20K
+5VA
J7
TP6
DOUT
J2
CUI-STACK PJ-102BH
VIN
1
VOUT
5
GND
2
NR/ADJUST
4
ENABLE
3
U1
TPS76350DBV
BT1
9V
C8
10uF
D1
C11
0.01uF
C19
10uF
C20
10uF
TP3
+5V
TP4
+3.3VD
+3.3VD
+5V
+5VA
C9
1uF
J5
OST_ED555/2DS
FB/SENSE
1
RESET
2
EN
3
GND
4
IN
5
IN
6
OUT
7
OUT
8
U2
TPS77133DGK
RST
R27
47K
DVDD
1
GND
2
CLKIN
3
SPEED
4
CAP
5
CAP
6
AINP
7
AINN
8
VREFN
9
VREFP
10
GND
11
AVDD
13
PSW
12
PDWN
14
SCLK
15
DRDY/DOUT
16
U6
ADS1231ID
ADS1131ID (GND PIN 3)
www.ti.com
Schematics
A.3
Schematics
Figure 13. ADS1x31REF Schematic
—ADC
27
SBAU175A
– July 2010 – Revised August 2011
Schematic and Layout
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com