Electronic Components Datasheet Search
  English  ▼

X  

593 Datasheet(PDF) 24 Page - Texas Instruments

Part # 593
Description  ADS1131REF and ADS1231REF
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

593 Datasheet(HTML) 24 Page - Texas Instruments

Back Button 593 Datasheet HTML 20Page - Texas Instruments 593 Datasheet HTML 21Page - Texas Instruments 593 Datasheet HTML 22Page - Texas Instruments 593 Datasheet HTML 23Page - Texas Instruments 593 Datasheet HTML 24Page - Texas Instruments 593 Datasheet HTML 25Page - Texas Instruments 593 Datasheet HTML 26Page - Texas Instruments 593 Datasheet HTML 27Page - Texas Instruments 593 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
Bill of Materials
www.ti.com
Table 9. ADS1x31REF Bill of Materials (continued)
Item
No
ADS1131
ADS1231
Value
Ref Des
Description
Vendor
Part Number
23
1
1
J5
3.5mm PCB Terminal Block, 2 position
On Shore
ED555/2DS
Technology
24
1
1
L1
Ferrite Bead Core, 4A 100MHz
Panasonic
EXC-ML20A390U
25
1
1
LCD1
8 Character LCD Display, Reflective
Varitronix
VIM-878-DP-RC-S-LV
Type
26
2
2
0
Ω
R23, R24
1/10W 5% Chip Resistor
Panasonic
ERJ-3GEY0R00V
27
1
1
20
Ω
R17
1/4W 5% Chip Resistor
Panasonic
ERJ-8GEYJ200V
28
2
2
33
Ω
R2, R3
1/10W 5% Chip Resistor
Panasonic
ERJ-3GEYJ330V
29
4
4
100
Ω
R12 to R15
1/10W 5% Chip Resistor
Panasonic
ERJ-3GEYJ101V
30
1
1
220
Ω
R11
1/10W 5% Chip Resistor
Panasonic
ERJ-3GEYJ221V
31
1
1
1.5k
Ω
R1
1/10W 5% Chip Resistor
Panasonic
ERJ-3GEYJ152V
32
8
8
10k
Ω
R4-R10, R16
1/10W 5% Chip Resistor
Panasonic
ERJ-3GEYJ103V
33
2
2
20k
Ω
R25, R26
1/10W 1% Chip Resistor
Panasonic
ERJ-3EKF2002V
34
2
2
47k
Ω
R18, R27
1/10W 5% Chip Resistor
Panasonic
ERJ-3GEYJ473V
35
1
1
200k
Ω
R22
Potentiometer 200K Ohm 1/4
" SQ
Bourns
3362U-1-204LF
36
3
3
221k
Ω
R19 to R21
1/10W 1% Chip Resistor
Panasonic
ERJ-3EKF2213V
37
6
6
SW1 to SW6
Pushbutton Switch
ITT
KSA1M211LFT
38
1
1
SW7
DPDT Slide Switch, Top Actuator
NKK
SS22SDP2
39
1
1
SW8
SPDT Slide Switch, Top Actuator
NKK
SS12SDP2
40
1
1
SW9
4PDT Slide Switch, RA Actuator
E-Switch
EG4208
41
0
0
TP1 to TP14,
Not Installed
TP16 to TP18
42
1
1
TP15
Testpoint
Keystone
5011
Electronics
43
1
0
U6
Two-Channel Analog to Digital
Texas Instruments
ADS1131ID
Converter
0
1
Two-Channel Analog to Digital
Texas Instruments
ADS1231ID
Converter
44
1
1
U5
Microcontroller with LCD Drivers
Texas Instruments
MSP430F449IPZ
45
2
2
U2, U3
Linear Voltage Regulator, +3.3V
Texas Instruments
TPS77133DGK
46
1
1
U1
Linear Voltage Regulator, +5V
Texas Instruments
TPS76350DBV
47
1
1
U4
USB to Serial Converter
Texas Instruments
TUSB3410VF
48
2
2
U8, U9
Digital Isolator
Texas Instruments
ISO721D
49
2
2
U7, U10
Inverter, Single Gate
Texas Instruments
SN74LVC1G04DBVR
50
1
1
12MHz
X1
Quartz Crystal SMD
ECS Inc.
ECS-120-20-23B-TR
51
1
1
32.678kHz
X2
Quartz Crystal
Epson
C-002RX
32.7680K-E:PBFREE
52
1
1
N/A
ADS1x31 REF PWB
Texas Instruments
6517107
53
4
4
N/A
1/4
" x .75 hex 4-40 Brass Threaded
Keystone
1656A
Standoff
Electronics
54
4
4
N/A
Phillips Machine Screw, 1/2
" 4-40
Building Fasteners
PMSSS 440 0050 PH
55
2
2
N/A
Shorting Block
Samtec
SNT-100-BK-G-H
24
Schematic and Layout
SBAU175A
– July 2010 – Revised August 2011
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com