Electronic Components Datasheet Search
  English  ▼

X  

IA188EB Datasheet(PDF) 3 Page - InnovASIC, Inc

Part # IA188EB
Description  8-Bit/16-Bit Microcontrollers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA188EB Datasheet(HTML) 3 Page - InnovASIC, Inc

  IA188EB Datasheet HTML 1Page - InnovASIC, Inc IA188EB Datasheet HTML 2Page - InnovASIC, Inc IA188EB Datasheet HTML 3Page - InnovASIC, Inc IA188EB Datasheet HTML 4Page - InnovASIC, Inc IA188EB Datasheet HTML 5Page - InnovASIC, Inc IA188EB Datasheet HTML 6Page - InnovASIC, Inc IA188EB Datasheet HTML 7Page - InnovASIC, Inc IA188EB Datasheet HTML 8Page - InnovASIC, Inc IA188EB Datasheet HTML 9Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 85 page
background image
IA186EB/IA188EB
Data Sheet
8-Bit/16-Bit Microcontrollers
July 10, 2011
IA211080314-13
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 3 of 85
1-888-824-4184
TABLE OF CONTENTS
1.
Introduction.............................................................................................................................7
1.1
General Description.......................................................................................................7
1.2
Features .........................................................................................................................8
2.
Packaging, Pin Descriptions, and Physical Dimensions.........................................................9
2.1
Packages and Pinouts ....................................................................................................9
2.1.1
IA186EB 84 PLCC Package...........................................................................10
2.1.2
IA188EB 84 PLCC Package...........................................................................12
2.1.3
PLCC Physical Dimensions............................................................................14
2.1.4
IA186EB 80 PQFP Package ...........................................................................15
2.1.5
IA188EB 80 PQFP Package ...........................................................................17
2.1.6
PQFP Physical Dimensions ............................................................................19
2.1.7
IA186EB 80 LQFP Package ...........................................................................20
2.1.8
IA188EB 80 LQFP Package ...........................................................................22
2.1.9
LQFP Physical Dimensions ............................................................................24
2.2
IA186EB Pin/Signal Descriptions...............................................................................25
2.3
IA188EB Pin/Signal Descriptions...............................................................................34
3.
Maximum Ratings, Thermal Characteristics, and DC Parameters .......................................42
4.
Functional Description..........................................................................................................44
4.1
Device Architecture.....................................................................................................44
4.1.1
Bus Interface Unit...........................................................................................44
4.1.2
Clock Generator..............................................................................................46
4.1.3
Interrupt Control Unit .....................................................................................47
4.1.4
Timer/Counter Unit ........................................................................................47
4.1.5
Serial Communications Unit...........................................................................47
4.1.6
Chip-Select Unit .............................................................................................47
4.1.7
I/O Port Unit ...................................................................................................48
4.1.8
Refresh Control Unit.......................................................................................48
4.1.9
Power Management Unit ................................................................................48
4.2
Peripheral Architecture ...............................................................................................48
4.3
Reference Documents .................................................................................................51
5.
AC Specifications .................................................................................................................51
5.1
AC Test Conditions .....................................................................................................55
5.2
Clock Input and Clock Output Timing Characteristics ...............................................56
5.3
Serial Port Mode 0 Timing Characteristics .................................................................58
6.
Reset Operation ....................................................................................................................59
7.
Bus Timing ...........................................................................................................................59
8.
Instruction Execution Times.................................................................................................69
9.
Errata.....................................................................................................................................77
9.1
Summary .....................................................................................................................77
9.2
Detail ...........................................................................................................................78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com