Electronic Components Datasheet Search
  English  ▼

X  

IA188EB Datasheet(PDF) 49 Page - InnovASIC, Inc

Part # IA188EB
Description  8-Bit/16-Bit Microcontrollers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA188EB Datasheet(HTML) 49 Page - InnovASIC, Inc

Back Button IA188EB Datasheet HTML 45Page - InnovASIC, Inc IA188EB Datasheet HTML 46Page - InnovASIC, Inc IA188EB Datasheet HTML 47Page - InnovASIC, Inc IA188EB Datasheet HTML 48Page - InnovASIC, Inc IA188EB Datasheet HTML 49Page - InnovASIC, Inc IA188EB Datasheet HTML 50Page - InnovASIC, Inc IA188EB Datasheet HTML 51Page - InnovASIC, Inc IA188EB Datasheet HTML 52Page - InnovASIC, Inc IA188EB Datasheet HTML 53Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 85 page
background image
IA186EB/IA188EB
Data Sheet
8-Bit/16-Bit Microcontrollers
July 10, 2011
IA211080314-13
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 49 of 85
1-888-824-4184
Power Management Unit
The registers associated with each integrated peripheral are contained within a 128
16 register
file called the Peripheral Control Block (PCB). The PCB can be located in either memory or I/O
space on any 256-byte address boundary.
Table 12 provides a list of the registers associated with the PCB.
Table 12. Peripheral Control Block Registers
PCB
Offset
Function
PCB
Offset
Function
PCB
Offset
Function
PCB
Offset
Function
00H
Reserved
40H
Timer2
Count
80H
GCS0 Start
C0H
Reserved
02H
End Of
Interrupt
42H
Timer2
Compare
82H
GCS0 Stop
C2H
Reserved
04H
Poll
44H
Reserved
84H
GCS1 Start
C4H
Reserved
06H
Poll Status
46H
Timer2
Control
86H
GCS1 Stop
C6H
Reserved
08H
Interrupt
Mask
48H
Reserved
88H
GCS2 Start
C8H
Reserved
0AH
Priority
Mask
4AH
Reserved
8AH
GCS2 Stop
CAH
Reserved
0CH
In-Service
4CH
Reserved
8CH
GCS3 Start
CCH
Reserved
0EH
Interrupt
Request
4EH
Reserved
8EH
GCS3 Stop
CEH
Reserved
10H
Interrupt
Status
50H
Port 1
Direction
90H
GCS4 Start
D0H
Reserved
12H
Timer
Control
52H
Port 1 Pin
92H
GCS4 Stop
D2H
Reserved
14H
Serial
Control
54H
Port 1
Control
94H
GCS5 Start
D4H
Reserved
16H
INT4
Control
56H
Port 1 Latch
96H
GCS5 Stop
D6H
Reserved
18H
INT0
Control
58H
Port 2
Direction
98H
GCS6 Start
D8H
Reserved
1AH
INT1
Control
5AH
Port 2 Pin
9AH
GCS6 Stop
DAH
Reserved
1CH
INT2
Control
5CH
Port 2
Control
9CH
GCS7 Start
DCH
Reserved
1EH
INT3
Control
5EH
Port 2 Latch
9EH
GCS7 Stop
DEH
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com