Electronic Components Datasheet Search
  English  ▼

X  

IA188EB Datasheet(PDF) 41 Page - InnovASIC, Inc

Part # IA188EB
Description  8-Bit/16-Bit Microcontrollers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA188EB Datasheet(HTML) 41 Page - InnovASIC, Inc

Back Button IA188EB Datasheet HTML 37Page - InnovASIC, Inc IA188EB Datasheet HTML 38Page - InnovASIC, Inc IA188EB Datasheet HTML 39Page - InnovASIC, Inc IA188EB Datasheet HTML 40Page - InnovASIC, Inc IA188EB Datasheet HTML 41Page - InnovASIC, Inc IA188EB Datasheet HTML 42Page - InnovASIC, Inc IA188EB Datasheet HTML 43Page - InnovASIC, Inc IA188EB Datasheet HTML 44Page - InnovASIC, Inc IA188EB Datasheet HTML 45Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 85 page
background image
IA186EB/IA188EB
Data Sheet
8-Bit/16-Bit Microcontrollers
July 10, 2011
IA211080314-13
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 41 of 85
1-888-824-4184
Table 8. IA188EB Pin/Signal Descriptions (Continued)
Signal
Pin
Description
Name
PLCC
LQFP
PQFP
test_n
test_n
14
3
46
test. Input. Active Low. When the test_n input
is high (i.e., not asserted), it causes the
IA188EB to suspend operation during the
execution of the WAIT instruction. Operation
resumes when the pin is sampled low
(asserted).
txd0
txd0
52
39
2
Transmit (tx) data, Serial Port 0. Output. This
pin is the serial data output for Serial Port 0.
During synchronous serial communications,
txd0 becomes the transmit clock (rxd0
functions as an output for data transmission).
txd1
p2.1/txd1
58
45
8
Transmit (tx) data, Serial Port 1. Output. This
pin is the serial data output for Serial Port 1.
During synchronous serial communications,
txd1 becomes the transmit clock (rxd1
functions as an output for data transmission).
ucs_n
ucs_n
30
18
61
upper chip select. Output. Active Low. This
pin provides a chip select signal that will be
asserted (low) whenever the address of a
memory bus cycle is within the address space
programmed for that output.
vcc
vcc
1, 23,
42, 64
11, 29,
50, 71
13, 34,
54, 72
Power (vcc). This pin provides power for the
IA188EB device. It must be connected to a +5V
DC power source.
vss
vss
2, 22,
43, 63,
65, 84
10, 30,
49, 51,
70, 72
12, 14,
33, 35,
53, 73
Ground (vss). This pin provides the digital
ground (0V) for the IA188EB. It must be
connected to a vss board plane.
wr_n
wr_n
5
74
37
write. Output. Active Low. When asserted
(low), wr_n indicates that data available on the
data bus are to be latched into the accessed
memory or I/O device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com