Electronic Components Datasheet Search
  English  ▼

X  

06201005 Datasheet(PDF) 70 Page - Tyco Electronics

Part # 06201005
Description  tyco electronics contents
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

06201005 Datasheet(HTML) 70 Page - Tyco Electronics

Back Button 06201005 Datasheet HTML 66Page - Tyco Electronics 06201005 Datasheet HTML 67Page - Tyco Electronics 06201005 Datasheet HTML 68Page - Tyco Electronics 06201005 Datasheet HTML 69Page - Tyco Electronics 06201005 Datasheet HTML 70Page - Tyco Electronics 06201005 Datasheet HTML 71Page - Tyco Electronics 06201005 Datasheet HTML 72Page - Tyco Electronics 06201005 Datasheet HTML 73Page - Tyco Electronics 06201005 Datasheet HTML 74Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 85 page
background image
WCD Write-on self-laminating label dispensers
70
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Self-Laminating Labels
WCD - 318
Part numbering system
Label Length (ex: 31.8 mm)
Product family
Tyco Electronics WCD is a pocket sized label dispenser containing
a roll of pre-cut self-laminating cable markers. Each market has a
white markable area for legend inscription using the specified
marker pen (ZUB-01).
Manufactured with a white coated area for writing on, and with a
clear wrap to wind around a wire or cable to cover the written leg-
end and to protect it against impurities that would cause the label
to become illegible.
Features and benefits
■
Protects printed information from chemicals and frequent
handling
■
Supplied in a handy pocket size disposable dispenser
■
Aggressive acrylic adhesive impervious to oil and water
Temperature rating
Operating temperature range
–40°C to +80°C
–40°F to +176°F
Specifications/approvals
Tyco Electronics
TTDS-140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com