Electronic Components Datasheet Search
  English  ▼

X  

06201005 Datasheet(PDF) 82 Page - Tyco Electronics

Part # 06201005
Description  tyco electronics contents
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

06201005 Datasheet(HTML) 82 Page - Tyco Electronics

Back Button 06201005 Datasheet HTML 77Page - Tyco Electronics 06201005 Datasheet HTML 78Page - Tyco Electronics 06201005 Datasheet HTML 79Page - Tyco Electronics 06201005 Datasheet HTML 80Page - Tyco Electronics 06201005 Datasheet HTML 81Page - Tyco Electronics 06201005 Datasheet HTML 82Page - Tyco Electronics 06201005 Datasheet HTML 83Page - Tyco Electronics 06201005 Datasheet HTML 84Page - Tyco Electronics 06201005 Datasheet HTML 85Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 82 / 85 page
background image
Snap-On wire markers
82
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Pre-Printed Wire and Cable Markers
Tyco Electronics snap-on markers are convenient and easy to use.
These markers are supplied on a ‘wand’ applicator that simplifies
and reduces installation time, and saves on the cost of marking.
Snap-on wire markers are designed to stand the test of time, pre-
venting costly re-work before the life of the equipment ends. This is
why Tyco Electronics snap-on markers are found today in power
stations, oil refineries, offshore platforms, and other major projects
around the world.
Features and benefits
I Snap-on markers are the perfect way to permanently and
rapidly mark cables, wires, leads, and cores after
termination and installation
I Easy to alter identification on cables that are already marked
I Secure grip for positive fixing to cable
I The high elasticity of the marker enables all types of installation
and conduction material to be permanently
marked without damage
I Applicator has a patented slit to prevent over-expansion of the
marker during application
I Made from polyoxymethylene which guarantees strength,
dimensional stability, low moisture absorption, and
resistance to chemicals
I Resistant against oils, cleaning agents, fuels, and
alkaline solutions
I Zero-halogen material
I Ten sizes for cable diameters 0.04" to 0.75"
(1.0mm to 19.0mm)
I Color-coded option
Specifications/approvals
Tyco Electronics
TTDS- 094
Temperature rating
Operating temperature range
–40°C to +106°C
–40°F to +223°F
STD 06 W -4
Part numbering system
Legend code
Color code (W=white)
Size
Snap-on Marker



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com