Electronic Components Datasheet Search
  English  ▼

X  

06201005 Datasheet(PDF) 26 Page - Tyco Electronics

Part # 06201005
Description  tyco electronics contents
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

06201005 Datasheet(HTML) 26 Page - Tyco Electronics

Back Button 06201005 Datasheet HTML 22Page - Tyco Electronics 06201005 Datasheet HTML 23Page - Tyco Electronics 06201005 Datasheet HTML 24Page - Tyco Electronics 06201005 Datasheet HTML 25Page - Tyco Electronics 06201005 Datasheet HTML 26Page - Tyco Electronics 06201005 Datasheet HTML 27Page - Tyco Electronics 06201005 Datasheet HTML 28Page - Tyco Electronics 06201005 Datasheet HTML 29Page - Tyco Electronics 06201005 Datasheet HTML 30Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 85 page
background image
HLX-NEL Narrow Edge Leading Low fire hazard tie-on cable marker tags
26
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Heat-Shrink/Cable Markers
HLX cable markers assembled in a Narrow Edge Leading (NEL)
format for use in the T212M printer. Ideal for use in applications
where the volume is small or wiring complexity is simple.
These markers are manufactured from the same low fire hazard
material as the standard HLX markers making them ideal in
applications where low smoke, low toxicity and zero halogen are
critical.
These markers are attached to cables, bundles, and larger wire by
cable ties.
Features and benefits
I Recommended for use where combustion of products may
endanger personnel or delicate electronics
I Ideal for low volume applications with T212M printer
I Two formats available
I Same material and approvals as standard HLX cable markers
I Ideal for pre or post termination assembly
Temperature rating
Operating temperature range
–40°C to +105°C
–40°F to +221°F
Specifications/approvals
Tyco Electronics
RW 2529
TTDS-134
Industry
UL 224 (clause 14)
BS 4G 198 Part 3
ASTM D 2671
SAE AS81531 4.6.2
MIL-STD-202 Method 215K
Printer information
Tyco Electronics printer
T212M (thermal transfer only)
Tyco Electronics ribbon
1966-RIBBON-4T200
HLX 125 YW 2 NEL 60 S
Part numbering system
Pack size
Printable width (mm)
Format
Number of markers across width
Color
Marker height (mm)
Product family



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com