Electronic Components Datasheet Search
  English  ▼

X  

TPPM0125DBVR Datasheet(PDF) 2 Page - Texas Instruments

Part # TPPM0125DBVR
Description  150-mA LOW DROPOUT REGULATOR WITH POK
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPPM0125DBVR Datasheet(HTML) 2 Page - Texas Instruments

  TPPM0125DBVR Datasheet HTML 1Page - Texas Instruments TPPM0125DBVR Datasheet HTML 2Page - Texas Instruments TPPM0125DBVR Datasheet HTML 3Page - Texas Instruments TPPM0125DBVR Datasheet HTML 4Page - Texas Instruments TPPM0125DBVR Datasheet HTML 5Page - Texas Instruments TPPM0125DBVR Datasheet HTML 6Page - Texas Instruments TPPM0125DBVR Datasheet HTML 7Page - Texas Instruments TPPM0125DBVR Datasheet HTML 8Page - Texas Instruments TPPM0125DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TPPM0125
150mA LOW DROPOUT REGULATOR WITH POK
SLVS388 − JULY 2001
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional block diagram
Enable/Disable
Control
Voltage
Reference
Thermal
Sensor
Undervoltage
Lockout
Error
Amplifier
Gate Drive Control
and
Current Amplifier
Active
Shutdown
Voltage Supervisor
With
Delay Timer
Power Okay
Control
Overcurrent
Detection and
Dropout Voltage
Detection
Fault
Fault
VI
EN
VO
POK
GND
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
EN
3
I
Enable/shutdown input (active high)
GND
2
I
Ground
POK
4
I
Power okay indicator
VI
1
I
Input supply voltage
VO
5
O
Output voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com