Electronic Components Datasheet Search
  English  ▼

X  

TPPM0125DBVR Datasheet(PDF) 6 Page - Texas Instruments

Part # TPPM0125DBVR
Description  150-mA LOW DROPOUT REGULATOR WITH POK
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPPM0125DBVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPPM0125DBVR Datasheet HTML 2Page - Texas Instruments TPPM0125DBVR Datasheet HTML 3Page - Texas Instruments TPPM0125DBVR Datasheet HTML 4Page - Texas Instruments TPPM0125DBVR Datasheet HTML 5Page - Texas Instruments TPPM0125DBVR Datasheet HTML 6Page - Texas Instruments TPPM0125DBVR Datasheet HTML 7Page - Texas Instruments TPPM0125DBVR Datasheet HTML 8Page - Texas Instruments TPPM0125DBVR Datasheet HTML 9Page - Texas Instruments TPPM0125DBVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TPPM0125
150mA LOW DROPOUT REGULATOR WITH POK
SLVS388 − JULY 2001
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
V(POKTH)
VO
POK
td(POK)
90%
Figure 1. Power Okay Timing During Power Up
EN
VI
POK Delay 2.5 ms typ
85% min
90% max
VO
POK
Figure 2. Power Okay Delay Timing and Output Voltage Supervisory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com