Electronic Components Datasheet Search
  English  ▼

X  

TPPM0125DBVR Datasheet(PDF) 1 Page - Texas Instruments

Part # TPPM0125DBVR
Description  150-mA LOW DROPOUT REGULATOR WITH POK
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPPM0125DBVR Datasheet(HTML) 1 Page - Texas Instruments

  TPPM0125DBVR Datasheet HTML 1Page - Texas Instruments TPPM0125DBVR Datasheet HTML 2Page - Texas Instruments TPPM0125DBVR Datasheet HTML 3Page - Texas Instruments TPPM0125DBVR Datasheet HTML 4Page - Texas Instruments TPPM0125DBVR Datasheet HTML 5Page - Texas Instruments TPPM0125DBVR Datasheet HTML 6Page - Texas Instruments TPPM0125DBVR Datasheet HTML 7Page - Texas Instruments TPPM0125DBVR Datasheet HTML 8Page - Texas Instruments TPPM0125DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TPPM0125
150mA LOW DROPOUT REGULATOR WITH POK
SLVS388 − JULY 2001
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
features
D Low Dropout Voltage Regulator, 1.2-V
D 150-mA Load Current Capability
D Power Okay (POK) Function
D Load Independent, Low Ground
Current,150-
µA
D Current Limiting
D Thermal Shutdown
D Low Sleep State Current (Off Mode)
D Fast Transient Response
D Low Variation Due to Load and Line
Regulation
D Output Stable With Low ESR Capacitors
D TTL Logic Controlled Enable Input
applications
D Processor Powerup Sequencing
D Palmtop Computers, Laptops, and
Notebooks
description
The TPPM0125 is a low dropout voltage regulator with an output tolerance of
±2% over the operating range.
The device is optimized for low noise applications and has a low quiescent current (enable <0.8 V). The device
has a low dropout voltage at full load (150 mA). The power okay function monitors the output voltage and
indicates when an error occurs in the system (active low). In the event of an output fault such as overcurrent,
thermal shutdown, or dropout, the power okay output is pulled low (open drain).
The TPPM0125 has a fast transient response recovery capability in the event of load transition from heavy load
to light load. The device also minimizes overshoot during this condition. During power down, the output
capacitor and load are de-energized through the internal active shutdown clamp, which is turned on when the
device is disabled.
The TPPM0125 requires a small output capacitor for stability with low ESR. An input capacitor is not required
unless the bulk ac capacitor is placed away from the device or the power supply is a battery. In this situation,
a 1-
µF capacitor is recommended for the application. Low ESR ceramic capacitors may be used with the device
to reduce board space in power applications, a key concern in hand-held wireless devices.
Copyright
 2001, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
3
2
4
5
DBV PACKAGE
(TOP VIEW)
1
VI
GND
EN
VO
POK
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TPPM0125DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPPM0110 TI-TPPM0110 Datasheet
247Kb / 14P
DUAL LOW-DROPOUT LINEAR REGULATOR
TPPM0110 TI2-TPPM0110 Datasheet
539Kb / 18P
DUAL LOW-DROPOUT LINEAR REGULATOR
MARCH 2001
TPPM0110DWP TI-TPPM0110DWP Datasheet
247Kb / 14P
DUAL LOW-DROPOUT LINEAR REGULATOR
TPPM0110DWP TI2-TPPM0110DWP Datasheet
539Kb / 18P
DUAL LOW-DROPOUT LINEAR REGULATOR
MARCH 2001
TPPM0110DWPR TI-TPPM0110DWPR Datasheet
247Kb / 14P
DUAL LOW-DROPOUT LINEAR REGULATOR
More results

Similar Description - TPPM0125DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN105125 TI-SN105125 Datasheet
201Kb / 13P
150-mA LOW DROPOUT REGULATOR WITH POK
logo
Diodes Incorporated
AP7165 DIODES-AP7165 Datasheet
306Kb / 11P
600mA LOW DROPOUT REGULATOR WITH POK
AP7165 Rev. 1
AP7167 DIODES-AP7167 Datasheet
251Kb / 11P
1.2A LOW DROPOUT REGULATOR WITH POK
AP7167 Rev. 2
AP7168 DIODES-AP7168 Datasheet
252Kb / 11P
1.2A LOW DROPOUT REGULATOR WITH POK
AP7168 Rev. 1
AP7168 DIODES-AP7168_10 Datasheet
467Kb / 11P
1.2A LOW DROPOUT REGULATOR WITH POK
DS32019 Rev. 2 - 2
AP7165 DIODES-AP7165_10 Datasheet
602Kb / 14P
600mA LOW DROPOUT REGULATOR WITH POK
DS31270 Rev. 6 - 2
AP7167 DIODES-AP7167_10 Datasheet
494Kb / 14P
1.2A LOW DROPOUT REGULATOR WITH POK
DS31252 Rev. 7 - 2
logo
Texas Instruments
SN105125 TI1-SN105125_12 Datasheet
533Kb / 15P
150-mA LOW DROPOUT REGULATOR WITH POK
TPPM0302DGN TI-TPPM0302DGN Datasheet
414Kb / 16P
400-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT AND POK
logo
Microchip Technology
MIC5201 MICROCHIP-MIC5201 Datasheet
1Mb / 22P
150 mA Low Dropout Regulator
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com