Electronic Components Datasheet Search
  English  ▼

X  

SC9301 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC9301
Description  10A EcoSpeed짰 Integrated FET Regulator with 5V LDO and Hiccup Restart
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC9301 Datasheet(HTML) 4 Page - Semtech Corporation

  SC9301 Datasheet HTML 1Page - Semtech Corporation SC9301 Datasheet HTML 2Page - Semtech Corporation SC9301 Datasheet HTML 3Page - Semtech Corporation SC9301 Datasheet HTML 4Page - Semtech Corporation SC9301 Datasheet HTML 5Page - Semtech Corporation SC9301 Datasheet HTML 6Page - Semtech Corporation SC9301 Datasheet HTML 7Page - Semtech Corporation SC9301 Datasheet HTML 8Page - Semtech Corporation SC9301 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
SC9301
4
Electrical Characteristics (continued)
Parameter
Conditions
Min
Typ
Max
Units
Input Supplies (continued)
VDD Supply Current
ENL , EN = 0V
3
7
μA
VDD =5V, f
SW
= 270kHz, EN = VDD, no load(2)
7.7
mA
VDD =3.3V, f
SW
= 280kHz, EN = VDD, no load(2)
5.1
mA
FB Comparator Threshold
Static V
IN
and load, T
J
= 0 to +125 °C
0.595
0.600
0.605
V
Static V
IN
and load, T
J
= -40 to +125 °C
0.594
0.600
0.606
V
Frequency Range
1000
kHz
Bootstrap Switch Resistance
17
Ω
Timing
On-Time
V
IN
= 15V, V
OUT
= 3V, R
TON
= 300kΩ, VDD = 5V
1395
1600
1805
ns
Minimum On-Time (2)
80
ns
Minimum Off-Time(2)
VDD =5V
250
ns
VDD =3.3V
370
ns
Soft-Start
Soft-Start Charge Current
3.0
μA
Soft-Start Voltage(2)
When V
OUT
reaches regulation
1.5
V
Analog Inputs/Outputs
VOUT Input Resistance
500
kΩ
Power Good
Power Good Threshold
Upper limit, V
FB
> internal 600mV reference
+20
%
Lower limit, V
FB
< internal 600mV reference
-10
%
Power Good Hysteresis
1.2
%
Start-Up Delay Time(2)
(between PWM enable and PGOOD high)
VDD = 5V, C
SS
= 3.3nF
3.8
ms
VDD = 3.3V, C
SS
= 3.3nF
2.6
ms
Fault (noise immunity) Delay Time(2)
5μs
Leakage
PGOOD = high impedance (open)
1
μA
Power Good On Resistance
10
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com