Electronic Components Datasheet Search
  English  ▼

X  

SC9301 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC9301
Description  10A EcoSpeed짰 Integrated FET Regulator with 5V LDO and Hiccup Restart
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC9301 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC9301 Datasheet HTML 3Page - Semtech Corporation SC9301 Datasheet HTML 4Page - Semtech Corporation SC9301 Datasheet HTML 5Page - Semtech Corporation SC9301 Datasheet HTML 6Page - Semtech Corporation SC9301 Datasheet HTML 7Page - Semtech Corporation SC9301 Datasheet HTML 8Page - Semtech Corporation SC9301 Datasheet HTML 9Page - Semtech Corporation SC9301 Datasheet HTML 10Page - Semtech Corporation SC9301 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
SC9301
7
Typical Characteristics
Efficiency/Power Loss vs. Load
50
55
60
65
70
75
80
85
90
95
100
0
1
2
3
4
5
67
89
10
IOUT (A)
0.0
1.0
2.0
3.0
4.0
5.0
VIN = 5V
VIN = 12V
VIN = 25V
VIN = 18V
VIN = 5V
VIN = 25V
VIN = 12V
VIN = 18V
Characteristics in this section are based upon using the Typical Application Circuit on page 6.
VOUT = 1V
VOUT = 1.5V
50
55
60
65
70
75
80
85
90
95
100
0
1
2
3
4567
89
10
IOUT (A)
VOUT = 3.3V
VOUT = 5V
VOUT = 2.5V
50
55
60
65
70
75
80
85
90
95
100
0
12
34
56
7
8
9
10
IOUT (A)
-0.150
-0.100
-0.050
0.000
0.050
0.100
0.150
0.200
0.250
0.300
0.350
3.3V Bias
5V Bias
3.3V minus 5V
50
55
60
65
70
75
80
85
90
95
100
01
2
345
678
9
10
IOUT (A)
0.0
1.0
2.0
3.0
4.0
5.0
VIN = 5V
VIN = 12V
VIN = 5V
VIN = 25V
VIN = 25V
VIN = 12V
VIN = 18V
VIN = 18V
50
55
60
65
70
75
80
85
90
95
100
012
3456789
10
IOUT (A)
0.000
0.020
0.040
0.060
0.080
0.100
0.120
0.140
0.160
0.180
0.200
Ext-Bias
LDO-Bias
LDO minus Ext
0
50
100
150
200
250
300
350
400
012
3
4567
89
10
IOUT (A)
Efficiency/Power Loss vs. Load
Efficiency/Power Loss Comparison
Efficiency/Power Loss Comparison
Efficiency/Power Loss Comparison
Switching Frequency vs. Load
LDO Bias, VDD = 5V, V
OUT
= 1.5V
External Bias, VDD = 5V, V
OUT
= 1.5V
VDD = 5V, V
OUT
= 1.5V, V
IN
= 12V
External Bias, V
IN
= 12V, V
OUT
= 1.5V
VDD = 5V, V
IN
= 12V, L = 2.2uH (4.6mΩ) for V
OUT
= 2.5V, 3.3V and 5V
External Bias, VDD = 5V, V
OUT
= 1.5V, V
IN
= 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com