Electronic Components Datasheet Search
  English  ▼

X  

SC9301 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC9301
Description  10A EcoSpeed짰 Integrated FET Regulator with 5V LDO and Hiccup Restart
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC9301 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC9301 Datasheet HTML 4Page - Semtech Corporation SC9301 Datasheet HTML 5Page - Semtech Corporation SC9301 Datasheet HTML 6Page - Semtech Corporation SC9301 Datasheet HTML 7Page - Semtech Corporation SC9301 Datasheet HTML 8Page - Semtech Corporation SC9301 Datasheet HTML 9Page - Semtech Corporation SC9301 Datasheet HTML 10Page - Semtech Corporation SC9301 Datasheet HTML 11Page - Semtech Corporation SC9301 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
SC9301
8
Typical Characteristics
Load Regulation
1.500
1.505
1.510
1.515
1.520
1.525
1.530
012
34
5
678
9
10
IOUT (A)
VIN = 25V
VIN = 18V
VIN = 12V
Characteristics in this section are based upon using the Typical Application Circuit on page 6.
VIN = 25V
1.500
1.505
1.510
1.515
1.520
1.525
1.530
01234
56789
10
IOUT (A)
VIN = 12V
VIN = 18V
Load Regulation
Load Regulation vs. Temperature
External Bias, VDD = 5V, V
OUT
= 1.5V
LDO Bias, VDD = 5V, V
OUT
= 1.5V
External Bias, VDD = 5V, V
OUT
= 1.5V
TA = 85°C
VIN = 12V
1.500
1.505
1.510
1.515
1.520
1.525
1.530
0
1
234
5
678
9
10
IOUT (A)
TA = -40°C
VIN = 5V
TA = 85°C
VIN = 5V
TA = -40°C
VIN = 12V
1.500
1.505
1.510
1.515
1.520
1.525
1.530
01
23
45
67
89
10
IOUT (A)
VIN = 12V
VIN = 5V
Load Regulation
Load Regulation vs. Temperature
External Bias, VDD = 3.3V, V
OUT
= 1.5V
External Bias, VDD = 3.3V, V
OUT
= 1.5V
1.500
1.505
1.510
1.515
1.520
1.525
1.530
012
3
4
5
6
7
89
10
IOUT (A)
TA = 85°C
VIN = 12V
VIN = 18V TA = 85°C
TA = -40°C
VIN = 18V
TA = -40°C
VIN = 25V
TA = 85°C
VIN = 25V
TA = -40°C
VIN = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com