Electronic Components Datasheet Search
  English  ▼

X  

TCNT2000 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TCNT2000
Description  Reflective Optical Sensor with Transistor Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCNT2000 Datasheet(HTML) 1 Page - Vishay Siliconix

  TCNT2000 Datasheet HTML 1Page - Vishay Siliconix TCNT2000 Datasheet HTML 2Page - Vishay Siliconix TCNT2000 Datasheet HTML 3Page - Vishay Siliconix TCNT2000 Datasheet HTML 4Page - Vishay Siliconix TCNT2000 Datasheet HTML 5Page - Vishay Siliconix TCNT2000 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TCNT2000
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 17-Aug-12
1
Document Number: 83796
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Reflective Optical Sensor with Transistor Output
DESCRIPTION
The TCNT2000 is a reflective sensor in a miniature SMD
package. It has a compact construction where the emitting
light source and the detector are arranged in the same
plane. The operating infrared wavelength is 940 nm. The
detector consists of a silicon phototransistor. The sensor
analog output signal (photo current) is triggered by
detection of reflected infrared light from a close by object.
The sensor has a built in daylight blocking filter, which
greatly suppresses disturbing ambient light and therefore
increases signal to noise ratio.
FEATURES
• Package type: SMD
• Detector type: phototransistor
• Dimensions (L x W x H in mm): 3.4 x 2.7 x 1.5
• Operating range within > 20 % relative collector
current: 0.2 mm to 5 mm
• Emitter wavelength: 940 nm
• Moisture sensitivity level (MSL): 3
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Position sensor
• Optical switch
• Optical encoder (e.g. disc and tape drives for DVD and/or
camera applications)
• Object detection (e.g. paper presence in printer and copy
machines)
Notes
(1) CTR: current transfere ratio, Iout/Iin
(2) Conditions like in table basic charactristics/sensors
Note
(1) MOQ: minimum order quantity
17091-2
A
Cath
E
Coll
Top view
PRODUCT SUMMARY
PART NUMBER
DISTANCE FOR
MAXIMUM CTRrel (1)
(mm)
DISTANCE RANGE FOR
RELATIVE Iout > 20 %
(mm)
TYPICAL OUTPUT CURRENT
UNDER TEST (2)
(mA)
DAYLIGHT BLOCKING
FILTER INTEGRATED
TCNT2000
1
0.2 to 5
1.5
Yes
ORDERING INFORMATION
ORDERING CODE
PACKAGING
VOLUME (1)
REMARKS
TCNT2000
Tape and reel
MOQ: 1000 pcs
Drypack, MSL 3
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT (EMITTER)
Reverse voltage
VR
5V
Forward current
IF
100
mA
Forward surge current
tp
≤ 100 μs
IFSM
500
mA
OUTPUT (DETECTOR)
Collector emitter breakdown voltage
V(BR)CEO
20
V
Emitter collector voltage
VECO
7V
Collector current
IC
20
mA
SENSOR
Total power dissipation
Tamb
≤ 25 °C
Ptot
170
mW
Ambient temperature range
Tamb
- 40 to + 85
°C
Storage temperature range
Tstg
- 40 to + 100
°C
Soldering temperature
In accordance with fig. 11
Tsd
260
°C


Similar Part No. - TCNT2000

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TCNT226M025#0200 AVX-TCNT226M025#0200 Datasheet
216Kb / 4P
Highest Joules/cc Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCNT226M025R0200 AVX-TCNT226M025R0200 Datasheet
241Kb / 3P
Conductive Polymer Solid Electrolytic Chip Capacitors Undertab Series
TCNT226M025S0200 AVX-TCNT226M025S0200 Datasheet
241Kb / 3P
Conductive Polymer Solid Electrolytic Chip Capacitors Undertab Series
TCNT227M006#0200 AVX-TCNT227M006#0200 Datasheet
216Kb / 4P
Highest Joules/cc Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCNT227M006R0200 AVX-TCNT227M006R0200 Datasheet
241Kb / 3P
Conductive Polymer Solid Electrolytic Chip Capacitors Undertab Series
More results

Similar Description - TCNT2000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY70 VISHAY-CNY70 Datasheet
78Kb / 7P
Reflective Optical Sensor with Transistor Output
05-Apr-00
TCRT1000 VISHAY-TCRT1000 Datasheet
67Kb / 7P
Reflective Optical Sensor with Transistor Output
27-May-99
TCRT5000 VISHAY-TCRT5000 Datasheet
436Kb / 8P
Reflective Optical Sensor with Transistor Output
03-Jul-00
CNY70 VISHAY-CNY70_08 Datasheet
147Kb / 7P
Reflective Optical Sensor with Transistor Output
04-Sep-06
TCRT1000 VISHAY-TCRT1000_06 Datasheet
132Kb / 7P
Reflective Optical Sensor with Transistor Output
04-Sep-06
TCRT5000 VISHAY-TCRT5000_09 Datasheet
313Kb / 12P
Reflective Optical Sensor with Transistor Output
17-Aug-09
VCNT2020 VISHAY-VCNT2020 Datasheet
146Kb / 7P
Reflective Optical Sensor with Transistor Output
19-Jan-18
VCNT2025X01 VISHAY-VCNT2025X01 Datasheet
205Kb / 8P
Reflective Optical Sensor With Transistor Output
16-Mar-2022
CNY70 VISHAY-CNY70_V01 Datasheet
246Kb / 11P
Reflective Optical Sensor with Transistor Output
30-Jul-12
TCRT1000 VISHAY-TCRT1000_V01 Datasheet
267Kb / 11P
Reflective Optical Sensor With Transistor Output
13-Oct-2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com