Electronic Components Datasheet Search
  English  ▼

X  

TCNT2000 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TCNT2000
Description  Reflective Optical Sensor with Transistor Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCNT2000 Datasheet(HTML) 3 Page - Vishay Siliconix

  TCNT2000 Datasheet HTML 1Page - Vishay Siliconix TCNT2000 Datasheet HTML 2Page - Vishay Siliconix TCNT2000 Datasheet HTML 3Page - Vishay Siliconix TCNT2000 Datasheet HTML 4Page - Vishay Siliconix TCNT2000 Datasheet HTML 5Page - Vishay Siliconix TCNT2000 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TCNT2000
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 17-Aug-12
3
Document Number: 83796
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 4 - Forward Current vs. Forward Voltage
Fig. 5 - Forward Voltage vs. Ambient Temperature
Fig. 6 - Collector Dark Current vs. Ambient Temperature
Fig. 7 - Collector Current vs. Forward Current
Fig. 8 - Relative Collector Current vs. Ambient Temperature
Fig. 9 - Relative Collector Current vs. Distance
1
10
100
0
0.4
0.8
1.2
1.6
2.0
VF - Forward Voltage (V)
T
amb = 25 °C
20 ms pulse
1.0
1.1
1.2
1.3
1.4
1.5
- 60 - 40 - 20
0
20
40
60
80 100 120 140
Tamb - Ambient Temperature (°C)
I
F = 50 mA
I
F = 20 mA
I
F = 10 mA
0.1
1
10
100
1000
10 000
0
20406080
100
Tamb - Ambient Temperature (°C)
V
CE = 20 V
10
30
50
70
90
0
1000
2000
4000
6000
8000
0
10203040
100
IF - Forward Current (mA)
T
amb = 25 °C
V
CE = 5 V
d = 1 mm
50
60
70
80
90
3000
5000
7000
60
90
100
110
120
130
- 60 - 40 - 20
0
20
140
Tamb - Ambient Temperature (°C)
V
CE = 5 V
40
60
80 100 120
80
70
I
F = 10 mA
I
F = 20 mA
I
F = 50 mA
0
10
20
30
40
50
60
70
80
90
100
012345
8
d - Distance (mm)
I
F = 50 mA
V
CE = 5 V
T
amb = 25 °C
7
6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com