Electronic Components Datasheet Search
  English  ▼

X  

TCNT2000 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TCNT2000
Description  Reflective Optical Sensor with Transistor Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCNT2000 Datasheet(HTML) 4 Page - Vishay Siliconix

  TCNT2000 Datasheet HTML 1Page - Vishay Siliconix TCNT2000 Datasheet HTML 2Page - Vishay Siliconix TCNT2000 Datasheet HTML 3Page - Vishay Siliconix TCNT2000 Datasheet HTML 4Page - Vishay Siliconix TCNT2000 Datasheet HTML 5Page - Vishay Siliconix TCNT2000 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TCNT2000
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 17-Aug-12
4
Document Number: 83796
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 10 - Relative Collector Current vs. Displacement
PRECAUTIONS FOR USE
1. Over-current-proof
Customer must apply resistors for protection, otherwise
slight voltage shift will cause big current change (Burn out
will happen).
2. Storage
2.1. Storage temperature and rel. humidity conditions are:
5 °C to 30 °C, RH 60
2.2. Floor life must not exceed 168 h, acc. to JEDEC level 3,
J-STD-020.
Once the package is opened, the products should be used
within 168 h. Otherwise, they should be kept in a damp proof
box with desiccant.
Considering tape life, we suggest to use products within one
year from production date.
2.3 If opened more than 168 h in an atmosphere 5 °C to
30 °C, RH 60 %, devices should be treated at
60 °C ± 5 °C for 15 h.
2.4 If humidity indicator in the package shows pink color
(normal blue), then devices should be treated with the
same conditions as 2.3.
REFLOW SOLDER PROFILE
Fig. 11 - Lead (Pb)-free Reflow Solder Profile acc. J-STD-020
0
10
20
30
40
50
60
70
80
90
100
110
- 3
- 2
- 1
01234
s - Displacement (mm)
y - direction
I
F = 20 mA
V
CE = 5 V
T
amb = 25 °C
x - direction
y - direction
x - direction
0
50
100
150
200
250
300
0
50
100
150
200
250
300
Time (s)
240 °C
245 °C
max. 260 °C
max. 120 s
max. 100 s
217 °C
max. 30 s
max. ramp up 3 °C/s max. ramp down 6 °C/s
19841
255 °C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com