Electronic Components Datasheet Search
  English  ▼

X  

SN74ABT244AMDBREP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ABT244AMDBREP
Description  OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ABT244AMDBREP Datasheet(HTML) 3 Page - Texas Instruments

  SN74ABT244AMDBREP Datasheet HTML 1Page - Texas Instruments SN74ABT244AMDBREP Datasheet HTML 2Page - Texas Instruments SN74ABT244AMDBREP Datasheet HTML 3Page - Texas Instruments SN74ABT244AMDBREP Datasheet HTML 4Page - Texas Instruments SN74ABT244AMDBREP Datasheet HTML 5Page - Texas Instruments SN74ABT244AMDBREP Datasheet HTML 6Page - Texas Instruments SN74ABT244AMDBREP Datasheet HTML 7Page - Texas Instruments SN74ABT244AMDBREP Datasheet HTML 8Page - Texas Instruments SN74ABT244AMDBREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
(1)
SN74ABT244A-EP
OCTAL BUFFER/DRIVER
WITH 3-STATE OUTPUTS
SGBS312A – JULY 2006 – REVISED JULY 2006
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
7
V
VI
Input voltage range(2)
–0.5
7
V
VO
Voltage range applied to any output in the high or power-off state
–0.5
5.5
V
IO
Current into any output in the low state
96
mA
IIK
Input clamp current
VI < 0
–18
mA
IOK
Output clamp current
VO < 0
–50
mA
θ
JA
Package thermal impedance(3)
115
°C/W
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(3)
The package thermal impedance is calculated in accordance with EIA/JEDEC Std JESD51, except for through-hole packages, which
use a trace length of zero.
MIN
MAX
UNIT
VCC
Supply voltage
4.5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VI
Input voltage
0
VCC
V
IOH
High-level output current
–24
mA
IOL
Low-level output current
48
mA
∆t/∆v
Input transition rise or fall rate
Outputs enabled
5
ns/V
TA
Operating free-air temperature
–55
125
°C
(1)
Unused inputs must be held high or low to prevent them from floating.
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com