Electronic Components Datasheet Search
  English  ▼

X  

SN74ABT244AMDBREP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ABT244AMDBREP
Description  OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ABT244AMDBREP Datasheet(HTML) 4 Page - Texas Instruments

  SN74ABT244AMDBREP Datasheet HTML 1Page - Texas Instruments SN74ABT244AMDBREP Datasheet HTML 2Page - Texas Instruments SN74ABT244AMDBREP Datasheet HTML 3Page - Texas Instruments SN74ABT244AMDBREP Datasheet HTML 4Page - Texas Instruments SN74ABT244AMDBREP Datasheet HTML 5Page - Texas Instruments SN74ABT244AMDBREP Datasheet HTML 6Page - Texas Instruments SN74ABT244AMDBREP Datasheet HTML 7Page - Texas Instruments SN74ABT244AMDBREP Datasheet HTML 8Page - Texas Instruments SN74ABT244AMDBREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.ti.com
Electrical Characteristics
(1)
Switching Characteristics
SN74ABT244A-EP
OCTAL BUFFER/DRIVER
WITH 3-STATE OUTPUTS
SGBS312A – JULY 2006 – REVISED JULY 2006
over recommended operating free-air temperature range (unless otherwise noted)
TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
MIN
TYP(2)
MAX
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
–1.2
V
VCC = 4.5 V,
IOH = –3 mA
2.5
2.5
VOH
VCC = 5 V,
IOH = –3 mA
3
3
V
VCC = 4.5 V,
IOH = –24 mA
2
2
VOL
VCC = 4.5 V,
IOL = 48 mA
0.55
0.55
V
Vhys
100
mV
II
VCC = 5.5 V,
VI = VCC or GND
±1
±1
µA
IOZH
VCC = 5.5 V,
VO = 2.7 V
10
10
µA
IOZL
VCC = 5.5 V,
VO = 0.5 V
–10
–10
µA
Ioff
VCC = 0,
VI or VO ≤ 5.5 V
±100
µA
ICEX
VCC = 5.5 V,
Outputs high
50
50
µA
IO(3)
VCC = 5.5 V,
VO = 2.5 V
–50
–100
–180
–50
–180
mA
Outputs high
1
250
250
µA
VCC = 5.5 V, IO = 0,
ICC
Outputs low
24
30
30
mA
VI = VCC or GND
Outputs disabled
0.5
250
250
µA
VCC = 5.5 V,
Outputs enabled
1.5
1.5
Data inputs
One input at 3.4 V,
Outputs disabled
0.05
0.05
Other inputs at VCC or GND
∆I
CC
(4)
mA
VCC = 5.5 V, One input at 3.4 V,
Control inputs
1.5
1.5
Other inputs at VCC or GND
Ci
VI = 2.5 V or 0.5 V
3.5
pF
Co
VO = 2.5 V or 0.5 V
7.5
pF
(1)
On products compliant to MIL-PRF-38535, this parameter does not apply.
(2)
All typical values are at VCC = 5 V.
(3)
Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
(4)
This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
over recommended ranges of supply voltage and operating free-air temperature, C
L = 50 pF (unless otherwise noted)
(see Figure 1)
VCC = 5 V,
FROM
TO
TA = 25°C
PARAMETER
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
tPLH
1
2.6
4.1
1
5.3
A
Y
ns
tPHL
1
2.9
4.2
1
5
tPZH
1.1
3.1
4.6
0.8
5.7
OE
Y
ns
tPZL
2.1
4.1
5.6
1.2
7.9
tPHZ
2.1
4.1
5.6
1.2
7.6
OE
Y
ns
tPLZ
1.5
3.7
5.6
1
7.9
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com