Electronic Components Datasheet Search
  English  ▼

X  

SN74ABT244AMDBREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ABT244AMDBREP
Description  OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ABT244AMDBREP Datasheet(HTML) 1 Page - Texas Instruments

  SN74ABT244AMDBREP Datasheet HTML 1Page - Texas Instruments SN74ABT244AMDBREP Datasheet HTML 2Page - Texas Instruments SN74ABT244AMDBREP Datasheet HTML 3Page - Texas Instruments SN74ABT244AMDBREP Datasheet HTML 4Page - Texas Instruments SN74ABT244AMDBREP Datasheet HTML 5Page - Texas Instruments SN74ABT244AMDBREP Datasheet HTML 6Page - Texas Instruments SN74ABT244AMDBREP Datasheet HTML 7Page - Texas Instruments SN74ABT244AMDBREP Datasheet HTML 8Page - Texas Instruments SN74ABT244AMDBREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.ti.com
FEATURES
DBPACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1OE
1A1
2Y4
1A2
2Y3
1A3
2Y2
1A4
2Y1
GND
V
CC
2OE
1Y1
2A4
1Y2
2A3
1Y3
2A2
1Y4
2A1
DESCRIPTION
SN74ABT244A-EP
OCTAL BUFFER/DRIVER
WITH 3-STATE OUTPUTS
SGBS312A – JULY 2006 – REVISED JULY 2006
•
Controlled Baseline
•
Typical V
OLP (Output Ground Bounce) <1 V at
V
CC = 5 V, TA = 25°C
– One Assembly/Test Site, One Fabrication
Site
•
High-Drive Outputs (–24-mA I
OH, 48-mA IOL)
•
Extended Temperature Performance of –55°C
•
Packaged in Shrink Small-Outline (DB)
to 125°C
Package
•
Enhanced Diminishing Manufacturing
Sources (DMS) Support
•
Enhanced Product-Change Notification
•
Qualification Pedigree (1)
•
State-of-the-Art EPIC-IIB™ BiCMOS Design
Significantly Reduces Power Dissipation
•
Latch-Up Performance Exceeds 500 mA Per
JEDEC Standard JESD-17
•
ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
(1)
Component qualification in accordance with JEDEC and
industry standards to ensure reliable operation over an
extended temperature range. This includes, but is not limited
to, Highly Accelerated Stress Test (HAST) or biased 85/85,
xxxx
temperature cycle, autoclave or unbiased HAST,
electromigration, bond intermetallic life, and mold compound
life. Such qualification testing should not be viewed as
justifying use of this component beyond specified
performance and environmental limits.
This octal buffer and line driver is designed specifically to improve both the performance and density of 3-state
memory address drivers, clock drivers, and bus-oriented receivers and transmitters. Together with the
SN54ABT240, SN74ABT240A, SN54ABT241, and SN74ABT241A, these devices provide the choice of selected
combinations of inverting and noninverting outputs, symmetrical active-low output-enable (OE) inputs, and
complementary OE and OE inputs.
The SN74ABT244A is organized as two 4-bit buffers/line drivers with separate OE inputs. When OE is low, the
device passes noninverted data from the A inputs to the Y outputs. When OE is high, the outputs are in the
high-impedance state.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
The SN74ABT244 is characterized for operation over the full military temperature range of –55°C to 125°C.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–55°C to 125°C
SSOP – DB
Tape and reel
SN74ABT244AMDBREP
ABT244AMEP
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
EPIC-IIB is a trademark of Texas Intruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74ABT244AMDBREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABT244A TI-SN74ABT244A Datasheet
546Kb / 17P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ABT244A-EP TI1-SN74ABT244A-EP Datasheet
1Mb / 35P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ABT244ADB TI-SN74ABT244ADB Datasheet
546Kb / 17P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ABT244ADB TI1-SN74ABT244ADB Datasheet
1Mb / 35P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ABT244ADBE4 TI1-SN74ABT244ADBE4 Datasheet
1Mb / 35P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ABT244AMDBREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11244 TI-74AC11244 Datasheet
91Kb / 6P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
REVISED SEPTEMBER 1998
SN74AS230A TI-SN74AS230A Datasheet
80Kb / 5P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC240A TI-SN74LVC240A_08 Datasheet
416Kb / 14P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT244-Q1 TI1-SN74AHCT244-Q1 Datasheet
596Kb / 13P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT541-EP TI1-SN74AHCT541-EP Datasheet
715Kb / 13P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVC244-EP TI1-SN74ALVC244-EP Datasheet
488Kb / 11P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC540A-EP TI1-SN74LVC540A-EP Datasheet
409Kb / 9P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHC244-EP TI1-SN74AHC244-EP Datasheet
448Kb / 10P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
74AC11244 TI1-74AC11244_15 Datasheet
796Kb / 14P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC540A-Q1 TI1-SN74LVC540A-Q1_16 Datasheet
1Mb / 15P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com