Electronic Components Datasheet Search
  English  ▼

X  

CYRF69313 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CYRF69313
Description  Programmable Radio-on-Chip LPstar
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF69313 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CYRF69313 Datasheet HTML 1Page - Cypress Semiconductor CYRF69313 Datasheet HTML 2Page - Cypress Semiconductor CYRF69313 Datasheet HTML 3Page - Cypress Semiconductor CYRF69313 Datasheet HTML 4Page - Cypress Semiconductor CYRF69313 Datasheet HTML 5Page - Cypress Semiconductor CYRF69313 Datasheet HTML 6Page - Cypress Semiconductor CYRF69313 Datasheet HTML 7Page - Cypress Semiconductor CYRF69313 Datasheet HTML 8Page - Cypress Semiconductor CYRF69313 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 80 page
background image
CYRF69313
Document Number: 001-66503 Rev. *C
Page 4 of 80
Sales, Solutions, and Legal Information ...................... 80
Worldwide Sales and Design Support ....................... 80
Products .................................................................... 80
PSoC Solutions ......................................................... 80
Functional Description
PRoC LPstar devices are integrated radio and microcontroller
functions in the same package to provide a dual role single-chip
solution.
Communication between the microcontroller and the radio is via
the SPI interface between both functions.
Functional Overview
The CYRF69313 is a complete Radio System-on-Chip device,
providing a complete RF system solution with a single device and
a few discrete components. The CYRF69313 is designed to
implement low cost wireless systems operating in the worldwide
2.4 GHz Industrial, Scientific, and Medical (ISM) frequency band
(2.400 GHz–2.4835 GHz).
2.4 GHz Radio Function
The SoC contains a 2.4 GHz, 1 Mbps GFSK radio transceiver,
packet data buffering, packet framer, DSSS baseband controller,
Received Signal Strength Indication (RSSI), and SPI interface
for data transfer and device configuration.
The radio supports 98 discrete 1 MHz channels (regulations may
limit the use of some of these channels in certain jurisdictions).
The baseband performs DSSS spreading/despreading, Start of
Packet (SOP), End of Packet (EOP) detection, and CRC16
generation and checking. The baseband may also be configured
to automatically transmit Acknowledge (ACK) handshake
packets whenever a valid packet is received.
When in receive mode, with packet framing enabled, the device
is always ready to receive data transmitted at any of the
supported bit rates. This enables the implementation of
mixed-rate systems in which different devices use different data
rates. This also enables the implementation of dynamic data rate
systems that use high data rates at shorter distances or in a
low-moderate interference environment or both. It changes to
lower data rates at longer distances or in high interference
environments or both.
USB Microcontroller Function
The
microcontroller
function
is based
on
the
powerful
CYRF69313 microcontroller. It is an 8-bit Flash programmable
microcontroller with integrated low speed USB interface.
The microcontroller has up to 14 GPIO pins to support USB,
PS/2 and other applications. Each GPIO port supports high
impedance inputs, configurable pull-up, open drain output,
CMOS/TTL inputs and CMOS output. Up to two pins support
programmable drive strength of up to 50 mA. Additionally each
I/O pin can be used to generate a GPIO interrupt to the
microcontroller. Each GPIO port has its own GPIO interrupt
vector with the exception of GPIO Port 0.
The microcontroller features an internal oscillator. With the
presence of USB traffic, the internal oscillator can be set to
precisely tune to USB timing requirements (24 MHz ± 1.5%).
The PRoC LPstar has up to 8 Kbytes of Flash for user’s firmware
code and up to 256 bytes of RAM for stack space and user
variables.
Backward Compatibility
The CYRF69313 IC is fully interoperable with the main modes
of the second generation Cypress radio SoC namely the
CYRF6936, CYRF69103 and CYRF69213.
CYRF69313 IC device may transmit data to or receive data from
a second generation device, or both.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com