Electronic Components Datasheet Search
  English  ▼

X  

CYRF69313 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CYRF69313
Description  Programmable Radio-on-Chip LPstar
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF69313 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CYRF69313 Datasheet HTML 1Page - Cypress Semiconductor CYRF69313 Datasheet HTML 2Page - Cypress Semiconductor CYRF69313 Datasheet HTML 3Page - Cypress Semiconductor CYRF69313 Datasheet HTML 4Page - Cypress Semiconductor CYRF69313 Datasheet HTML 5Page - Cypress Semiconductor CYRF69313 Datasheet HTML 6Page - Cypress Semiconductor CYRF69313 Datasheet HTML 7Page - Cypress Semiconductor CYRF69313 Datasheet HTML 8Page - Cypress Semiconductor CYRF69313 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
CYRF69313
Programmable Radio-on-Chip LPstar
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 001-66503 Rev. *C
Revised September 6, 2012
Programmable Radio-on-Chip LPstar
Features
■ Radio System-on-Chip, with built-in 8-bit MCU in a single
device.
■ Operates in the unlicensed worldwide Industrial, Scientific, and
Medical (ISM) band (2.400 GHz to 2.483 GHz).
■ On
Air
compatible
with
second
generation
radio
WirelessUSB™ LP and PRoC LP.
■ Pin-to-pin compatible with PRoC LP except the pin 31 and
pin 37.
Intelligent
■ M8C based 8-bit CPU, optimized for human interface devices
(HID) applications
■ 256 bytes of SRAM
■ 8 Kbytes of flash memory with EEPROM emulation
■ In-System reprogrammable through D+/D– pins
■ CPU speed up to 12 MHz
■ 16-bit free running timer
■ Low power wakeup timer
■ 12-bit programmable interval timer with interrupts
■ Watchdog timer
Low Power
■ 21 mA operating current (Transmit at –5 dBm)
■ Sleep current less than 1 µA
■ Operating voltage from 4.0 V to 5.25 V DC
■ Fast startup and fast channel changes
■ Supports coin-cell operated applications
Reliable and Robust
■ Receive sensitivity typical –90 dBm
■ AutoRate™ – dynamic data rate reception
❐ Enables data reception for any of the supported bit rates
automatically.
❐ DSSS (250 Kbps), GFSK (1 Mbps)
■ Operating temperature from 0 °C to 70 °C
■ Closed-loop frequency synthesis for minimal frequency drift
Simple Development
■ Auto transaction sequencer (ATS): MCU can stay sleeping
longer to save power
■ Framing, length, CRC16, and Auto ACK
■ Separate 16 byte transmit and receive FIFOs
■ Receive signal strength indication (RSSI)
■ Built-in serial peripheral interface (SPI) control while in sleep
mode
■ Advanced development tools based on Cypress’s PSoC
® Tools
■ Flexible I/O
■ 2 mA source current on all GPIO pins. Configurable 8 mA or
50 mA/pin current sink on designated pins
■ Each GPIO pin supports high impedance inputs, configurable
pull-up, open-drain output, CMOS/TTL inputs, and CMOS
output
■ Maskable interrupts on all I/O pins
BOM Savings
■ Low external component count
■ Small footprint 40-pin QFN (6 mm × 6 mm)
■ GPIOs that require no external components
■ Operates off a single crystal
■ Integrated 3.3 V regulator
■ Integrated pull-up on D–
USB Specification Compliance
■ Conforms to USB specification version 2.0
■ Conforms to USB HID specification version 1.1
■ Supports one low speed USB device address
■ Supports one control endpoint and two data end points
■ Integrated USB transceiver
Applications
■ Wireless keyboards and mice
■ Presentation tools
■ Wireless gamepads
■ Remote controls
■ Toys
■ Fitness


Similar Part No. - CYRF69313

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYRF69313-40LFXC CYPRESS-CYRF69313-40LFXC Datasheet
810Kb / 81P
Programmable Radio-on-Chip LPstar
CYRF69313-40LTXC CYPRESS-CYRF69313-40LTXC Datasheet
810Kb / 81P
Programmable Radio-on-Chip LPstar
CYRF69313 CYPRESS-CYRF69313_13 Datasheet
810Kb / 81P
Programmable Radio-on-Chip LPstar
More results

Similar Description - CYRF69313

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYRF69103 CYPRESS-CYRF69103 Datasheet
2Mb / 73P
Programmable Radio on Chip Low Power
CYRF69213 CYPRESS-CYRF69213_08 Datasheet
1Mb / 76P
Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_10 Datasheet
1Mb / 68P
Programmable Radio on Chip Low Power
CYWUSB6953 CYPRESS-CYWUSB6953_10 Datasheet
1Mb / 68P
Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_12 Datasheet
1Mb / 71P
Programmable Radio on Chip Low Power
CYRF69213 CYPRESS-CYRF69213_12 Datasheet
843Kb / 85P
Programmable Radio on Chip Low Power
CYRF69303 CYPRESS-CYRF69303 Datasheet
689Kb / 69P
Programmable Radio-on-Chip LPstar
CYRF69213 CYPRESS-CYRF69213_13 Datasheet
845Kb / 86P
Programmable Radio on Chip Low Power
CYRF69303 CYPRESS-CYRF69303_13 Datasheet
700Kb / 70P
Programmable Radio-on-Chip LPstar
CYRF69313 CYPRESS-CYRF69313_13 Datasheet
810Kb / 81P
Programmable Radio-on-Chip LPstar
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com