Electronic Components Datasheet Search
  English  ▼

X  

CXA2647 Datasheet(PDF) 13 Page - Sony Corporation

Part # CXA2647
Description  RF Signal Processor for CD Players
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2647 Datasheet(HTML) 13 Page - Sony Corporation

Back Button CXA2647 Datasheet HTML 9Page - Sony Corporation CXA2647 Datasheet HTML 10Page - Sony Corporation CXA2647 Datasheet HTML 11Page - Sony Corporation CXA2647 Datasheet HTML 12Page - Sony Corporation CXA2647 Datasheet HTML 13Page - Sony Corporation CXA2647 Datasheet HTML 14Page - Sony Corporation CXA2647 Datasheet HTML 15Page - Sony Corporation CXA2647 Datasheet HTML 16Page - Sony Corporation CXA2647 Datasheet HTML 17Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
– 13 –
CXA2647N
• Center Error
The signals input to the A and D pins and the B and C pins are arithmetically amplified and the center error
signal is output.
ROM/RW switching and offset addition functions are incorporated.
VC
RW
48k
12k
30k
ROM
A
DVC
VOFST
124
124
6
CEI 21
CE
20
30k
D 9
30k
B
30k
24k
96k
24k
50k
200k
96k
7
C
ROM
RW
ROM
RW
8
CE = Gain {(B + C) – (A + D)} signal is arithmetically amplified.
Low frequency gain
ROM: 15.5dB
RW: 27.5dB
Cut-off frequency fc (typ.)
ROM: 200kHz
RW:
200kHz
• Output DC Level Shift
The FE, TE and CE output DC voltages are level shifted to the digital VC voltage (DVC).
The reference voltage of this IC is the VC voltage, and only the output reference voltage changes.
The maximum output voltage of each output signal should be kept to the digital VCC voltage (DVCC) or less in
order to protect the DSP IC.
DVC
VOFST
30k
30k
VC
15k
The VC and DVC voltages are arithmetically amplified
and output as the VOFST voltage.
The VOFST voltage serves as the level shift reference
voltage, and is distributed to each block.
VOFST = 2VC –DVC
• SW
This controls the laser (APC) on/off, active/sleep mode, and ROM/RW mode switching.
Switching is controlled by the voltage applied to the SW pin.
12
SW
SW
ROM/RW
Active/Sleep
APC ON/OFF
Status of Functions on SW Switching
SW low/high condition
Low: GND to DVC – 1.2V
High: DVC + 1.2V to Vcc
The VC buffer is always in active mode
even if it enters sleep mode.
In the function block, MODE SW is always
set to active mode.
Item
Control
voltage
VCC
VC or Hi-Z
GND
ON
OFF
ON
Active
Sleep
Active
RW
—
ROM
APC
Active/Sleep
ROM/RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com