Electronic Components Datasheet Search
  English  ▼

X  

CXA2647 Datasheet(PDF) 21 Page - Sony Corporation

Part # CXA2647
Description  RF Signal Processor for CD Players
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2647 Datasheet(HTML) 21 Page - Sony Corporation

Back Button CXA2647 Datasheet HTML 15Page - Sony Corporation CXA2647 Datasheet HTML 16Page - Sony Corporation CXA2647 Datasheet HTML 17Page - Sony Corporation CXA2647 Datasheet HTML 18Page - Sony Corporation CXA2647 Datasheet HTML 19Page - Sony Corporation CXA2647 Datasheet HTML 20Page - Sony Corporation CXA2647 Datasheet HTML 21Page - Sony Corporation CXA2647 Datasheet HTML 22Page - Sony Corporation CXA2647 Datasheet HTML 23Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
– 21 –
CXA2647N
[Hz]
25
20
15
10
5
0
10k
100k
1M
10M
100M
–5
–10
[Hz]
40
35
30
25
20
15
10k
100k
1M
Feed back registor 5.1k
Ω
between Pin 28 & 29
10M
100M
10
5
RW
ROM
[Hz]
40
35
30
25
20
15
1k
10k
100k
Feed back registor 100k
Ω
between Pin 16 & 17
1M
10M
10
5
RW
ROM
[Hz]
40
35
30
25
20
15
1k
10k
100k
Input (Pin 10 & 11) registor 200k
Ω
Pin 19 TE_BAL = VC
1M
10M
10
5
RW
ROM
2. AC_SUM characteristics
Input: Pin 6, 7, 8, 9 A, B, C, D
Output: Pin 4 AC_SUM
3. RFDC characteristics
Input: Pin 6, 7, 8, 9 A, B, C, D
Output: Pin 28 RFDC
3. FE characteristics
Input: Pin 6, 8 A, C
Output: Pin 16 FE
4. TE characteristics
Input: Pin 10 E
Output: Pin 18 TE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com