Electronic Components Datasheet Search
  English  ▼

X  

CXA2647 Datasheet(PDF) 6 Page - Sony Corporation

Part # CXA2647
Description  RF Signal Processor for CD Players
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2647 Datasheet(HTML) 6 Page - Sony Corporation

Back Button CXA2647 Datasheet HTML 2Page - Sony Corporation CXA2647 Datasheet HTML 3Page - Sony Corporation CXA2647 Datasheet HTML 4Page - Sony Corporation CXA2647 Datasheet HTML 5Page - Sony Corporation CXA2647 Datasheet HTML 6Page - Sony Corporation CXA2647 Datasheet HTML 7Page - Sony Corporation CXA2647 Datasheet HTML 8Page - Sony Corporation CXA2647 Datasheet HTML 9Page - Sony Corporation CXA2647 Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
– 6 –
CXA2647N
Pin
No.
Symbol
I/O
Equivalent circuit
Description
15
100
1.4mA
15
O
RFAC
RFAC amplifier output.
17
I
FEI
Focus error amplifier gain
adjustment.
The gain is adjusted by the
external resistance value
connected between this pin
and Pin 16.
50k
124
50
µA
500
µA
VC
16
124
17
16
O
FE
Focus error amplifier output.
19
I
TE_BAL
Input for adjusting the tracking
error amplifiers E and F gain
balance with the control
voltage.
63k
100
µA
500
µA
18
19
5k
50
µA
45k
VC
18
O
TE
Tracking error amplifier output.
21
I
CEI
Center error amplifier gain
adjustment.
The gain is adjusted by the
external resistance value
connected between this pin
and Pin 20.
50k
124
VC
20
124
50
µA
500
µA
21
20
O
CE
Center error amplifier output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com