Electronic Components Datasheet Search
  English  ▼

X  

ISL97516 Datasheet(PDF) 28 Page - Intersil Corporation

Part # ISL97516
Description  Providing high-performance solutions for every link in the signal chain
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97516 Datasheet(HTML) 28 Page - Intersil Corporation

Back Button ISL97516 Datasheet HTML 24Page - Intersil Corporation ISL97516 Datasheet HTML 25Page - Intersil Corporation ISL97516 Datasheet HTML 26Page - Intersil Corporation ISL97516 Datasheet HTML 27Page - Intersil Corporation ISL97516 Datasheet HTML 28Page - Intersil Corporation ISL97516 Datasheet HTML 29Page - Intersil Corporation ISL97516 Datasheet HTML 30Page - Intersil Corporation ISL97516 Datasheet HTML 31Page - Intersil Corporation ISL97516 Datasheet HTML 32Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
► 12-bit SAR
28
Intersil Signal Path Products  2012  www.intersil.com
Easy to Use, Cost
Effective SAR ADCs
with 1, 2, 4, and
8-channel Inputs
Highly Integrated
Superior Linearity Specifications
12-bit, 125kSPS – 250kSPS SAR: ISL2631x, ISL2632x
• Single, 2, 4, and 8-channel Multiplexed Inputs
• Single-Ended and Differential Input Versions
• Excellent Linearity: +/- 0.7LSB DNL, +/-0.7LSB
INL at 12 bits (max)
• Buffered Inputs Ease Input Drive Requirements,
Reduce Solution Cost
• Pin-compatible Family Simplifies Re-use of
Proven Designs
• Robust 5kV ESD Rating Perfect for Industrial
Environments
• SPI Interface Connects to Popular Micros and
FPGAs
• Specified for 2.7V to 5.5V Operation - Only 8mW
at 3V
• Popular TSSOP and SOIC Packages
• Competitively Priced
Key Features
The new ISL263xx family of multichannel-
input SAR ADCs from Intersil offer a new
level of cost-effectiveness and ease of use
for all types of Industrial Process Control,
Instrumentation, and related measurement
applications. Input buffers that simplify input
drive requirements and pin—compatibility
across the entire product family make the
family easy to design, and re-use across
multiple platforms and product families.
Single channel
2-channel
4-channel
8-channel
Differential
Single-Ended
Differential
Single-ended
Differential
Single-ended
Single-ended
8L SOIC
8L SOIC
16L TSSOP
8L SOIC
16L TSSOP
16L TSSOP
16L TSSOP
125ksps
ISL26310FBZ
ISL26311FBZ
ISL26312FVZ
ISL26313FBZ
ISL26314FVZ
ISL26315FVZ
ISL26319FVZ
250ksps
ISL26320FBZ
ISL26321FBZ
ISL26322FVZ
ISL26323FBZ
ISL26324FVZ
ISL26325FVZ
ISL26329FVZ
DIFFERENTIAL NONLINEARITY (DNL) vs CODE
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
CODE
-2000
-1000
0
1000
2000
OSC
ADC
MUX
SPI
POR
ANALOG INPUTS
DIFFERENTIAL/
SINGLE-ENDED
VREF
VDD
CNV
SCLK
SDO
SDI
GND
BUFFER
ISL26310/11/12/13/14/15/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com