Electronic Components Datasheet Search
  English  ▼

X  

ISL97516 Datasheet(PDF) 36 Page - Intersil Corporation

Part # ISL97516
Description  Providing high-performance solutions for every link in the signal chain
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97516 Datasheet(HTML) 36 Page - Intersil Corporation

Back Button ISL97516 Datasheet HTML 32Page - Intersil Corporation ISL97516 Datasheet HTML 33Page - Intersil Corporation ISL97516 Datasheet HTML 34Page - Intersil Corporation ISL97516 Datasheet HTML 35Page - Intersil Corporation ISL97516 Datasheet HTML 36Page - Intersil Corporation ISL97516 Datasheet HTML 37Page - Intersil Corporation ISL97516 Datasheet HTML 38Page - Intersil Corporation ISL97516 Datasheet HTML 39Page - Intersil Corporation ISL97516 Datasheet HTML 40Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
Precision Low Input Bias
Current Operational
Amplifier
36
Intersil Signal Path Products  2012  www.intersil.com
• IB can vary from few fA to many μA, depending on the input
device.
• Some input structures have well-matched IB.
• FET op amp’s IB doubles with every 10°C rise in temperature.
• Some structures have IB which may flow in either direction.
- Usually CMOS/JFET amplifiers.
• Intersil’s new JFET amplifier (ISL28210) employs bias cancelling
structure to offer low bias current over temperatures.
• Low IB amplifiers are ideal for photodiode, high impedance type
applications.
In an ideal amplifier, there should be no current flow into
the input terminals of an op amp. In general, there are
always two input bias currents, IB+ and IB-.
Key Features
• Supply Independent of Input
- 2.7V to 28V Supply
- 0V to 28V VCM
• Max. 250µV Input VOS
• Gain Accuracy Max:
- 0.5% 25°C
• Four Gain Options
- 20V/V, 50V/V, 100V/V, & ADJ
• -40°C to +125°C Operation
Applications
• Low Ohmic Shunt Sense
• Battery Management
• High-precision Voltage and Current
Measurement
• Power Management in Communications,
Networking, Industrial
• Computing and Display Power
Management
• Alternative Energy (wind, power, solar)
Part Number
Supply
Voltage (V)
Rail-To-Rail
Vos Max
@ 25°C
TCVos
Typ
Ib Max @
25°C
CMRR min
@ 25°C
PSRR min
@ 25°C
Is Max @
25°C
GBW
Slew
Rate
Noise
0.1 to 10Hz
Voltage Noise
@ 1kHz
Single
Dual
Quad
Min
Max
In
Out
mV
µV/°C
nA
dB
dB
mA
MHz
V/µs
µVpp
nV/√Hz
ISL28110
ISL28210
9
40
No
No
0.300
1
0.002
88
102
2.9
12.5
23
0.6
6
ISL28113*
ISL28213* ISL28413*
1.8
5.5
Yes
Yes
5
2
0.02
72
71
0.13
2
1
14
55
ISL28114*
ISL28214* ISL28414*
1.8
5.5
Yes
Yes
5
2
0.02
72
71
0.36
5
2.5
12
40
ISL28158
ISL28258
2.4
5.5
Yes
Yes
0.3
0.3
0.03
75
80
0.043
0.2
0.1
1.4
64
ISL28288
ISL28488
2.4
5.5
Yes
Yes
1.5
0.9
0.03
80
85
0.156
0.3
0.14
3
48
ISL28148
ISL28248
2.4
5.5
Yes
Yes
1.8
0.03
0.03
75
80
1.25
4.5
4
2
28
ISL28194*
1.8
5.5
Yes
Yes
2
1.5
0.08
70
70
0.00045
0.0035
0.0012
10
265
ISL28133*
ISL28233
ISL28433 1.65
5.5
Yes
Yes
0.006
0.05
0.18
118
110
0.025
0.4
0.2
1
65
ISL28130
ISL28230
ISL28430 1.65
5.5
Yes
Yes
0.04
0.02
0.25
110
105
0.025
0.4
0.2
1.1
65
ISL28107
ISL28207
ISL28407
4.5
40
No
No
0.075
0.1
0.3
115
115
0.29
1
0.32
0.34
13
ISL28134
2.25
6
Yes
Yes
0.0025
0.0005
0.3
120
120
0.900
3.5
1.5
0.25
10
ISL28210 is ideal for Flow Sensors and other
high impedance applications.
+
-
Transimpedance Amp
Photodiode
ISL28210 has Very High
560GΩ Input Impedance
ISL28210
LOAD
RAIL
TO
RAIL
RAIL
TO
RAIL
V
OUT
28V
0V
VOLTAGE
LOW
OHMIC
G
G = 20, 50, 100
ISL28006
Optional
1% Gain Accuracy Max -40°C to +125°C
250µV Max Offset Voltage
Gain Resistor Option for Adjustable
Gain (ISL28006 only)
* Some specifications will differ, please check data sheet for actual parameters and/or conditions
Current Sense Amplifiers: ISL28005, ISL28006
28V Micro-power, Precision
High Side and Low Side
Current Sense Amplifiers
Only 50µA Current Consumption
Typical Application
Part
Number
Supply
Voltage
Range
Input
Common
Mode Range
Vos Max
@ 25°C
Vos Max
Temp
CMRR min
Temp
PSRR min
Temp
Gain Range
Gain Accuracy
@ 25°C
Gain Accuracy
Temp
Is Max @
25°C
Is Max
Temp
GBW
Temp
Range
Package
V
V
µV
µV
dB
dB
V/V
%
%
µA
µA
kHz
°C
ISL28005 2.7 to 28
0 to 28
500
500
105
90
20, 50, 100
2
3
59
59
180
-40 to 125 SOT23
ISL28006 2.7 to 28
0 to 28
250
300
105
90
20, 50, 100,
Adj (20-100)
0.7
1
62
62
180
-40 to 125 SOT23
► Low Input Bias Current
► Current Sense Amplifier
Evalboard
Available!
Evalboard
Available!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com