Electronic Components Datasheet Search
  English  ▼

X  

ISL97516 Datasheet(PDF) 31 Page - Intersil Corporation

Part # ISL97516
Description  Providing high-performance solutions for every link in the signal chain
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97516 Datasheet(HTML) 31 Page - Intersil Corporation

Back Button ISL97516 Datasheet HTML 27Page - Intersil Corporation ISL97516 Datasheet HTML 28Page - Intersil Corporation ISL97516 Datasheet HTML 29Page - Intersil Corporation ISL97516 Datasheet HTML 30Page - Intersil Corporation ISL97516 Datasheet HTML 31Page - Intersil Corporation ISL97516 Datasheet HTML 32Page - Intersil Corporation ISL97516 Datasheet HTML 33Page - Intersil Corporation ISL97516 Datasheet HTML 34Page - Intersil Corporation ISL97516 Datasheet HTML 35Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
Intersil Signal Path Products  2012  www.intersil.com
31
Fully Differential Amplifiers: ISL55210, ISL55211
40
50
60
70
80
90
100
110
90
140
190
240
290
340
POWER DISSIPATION (mW)
Competition
ISL55210
-120
-110
-100
-90
-80
-70
-60
0
0
2
0
0
1
0
2
TEST FREQUENCIES CENTER (MHz)
IM3 1VP-P
IM3 2VP-P
IM3 3VP-P
IM2 1VP-P
IM2 2VP-P
IM2 3VP-P
World’s Best SFDR at
Lowest Power ADC Driver
Key Features
• Gain Bandwidth Product............................................... 4.0HGz
• Input Voltage Noise..............................................0.85nV/√(Hz)
• Differential Slew Rate ............................................. 5,600V/µs
• 2VP-P, 2-tone IM3 (200Ω) 100MHz ............................... -109dBc
• Supply Voltage Range ............................................3.0V to 4.2V
• Quiescent Power (3.3V supply)..................................... 115mW
Applications
• Low Power, High Dynamic Range ADC Interface
• Differential Mixer Output Amplifier
• SAW Filter Pre/Post Driver
• Differential Comms-DAC Output Driver
The ISL55210 is a very wide band, voltage feedback,
fully differential amplifier (FDA) intended for high
dynamic range ADC input interface applications. This
voltage feedback FDA design includes an independent
output common mode voltage control.
Intended for very high dynamic range ADC interface
applications at the lowest quiescent power (115mW),
the ISL55210 offers a 4.0GHz Gain Bandwidth Product
with a very low input noise of 0.85nV/√(Hz). In a
balanced differential I/O configuration, with 2VP-P
output into a 200Ω load configured for a gain of 15dB,
the IM3 terms are <-100dBc through 110MHz. With a
minimum operating gain of 2V/V (6dB), the ISL55210
supports a wide range of higher gains with minimal
BW or SFDR degradation. Its ultra high differential
slew rate of 5,600V/μs ensures clean large signal SFDR
performance or a fast settling step response.
Ultra-low Distortion
Suitable for driving high speed ADCs in 1st and
higher Nyquist zone applications
World Best SFDR at Lowest Power
Typical Application Circuit
ISL55210 offers the BEST
SFDR-to-Power ratio in the industry
0.1µF
1:2
ISL55210
+3.3V
+
-
Vcm
20pF
20pF
33nH
33nH
V+
V-
ISLA112P50
ADT4-1WT
0.1µF
0.1µF
Vb
CLK
500MSPS
105MHz SINGLE TONE
180mVpp for -1dBFS
35mA
(115mW)
Vi
12 Bit
<500mW
500kHz
Vdiff
Vi
Vdiff
= 17.3dB gain
180MHz SPAN
20log (
)
PD
100Ω
50Ω
100Ω
495Ω
495Ω
210Ω
210Ω
40.2Ω
10kΩ
40.2Ω
Device
# of
Channels
Topology
VS Min
(V)
VS Max
(V)
BW
(MHz)
GMIN
(V/V)
Slew
Rate
(V/μsec)
Noise
(nV/√Hz)
IS Max
(mA)
IOUT
(mA)
VOS Max
(mV)
IB
Max
(µA)
RR
In
RR
Out
Headroom
(V)
Shutdown
ISL55210
1
FDA
3
4.2
2200
4
5600
0.85
38.5
30
1.2
90
No
No
1
Yes
ISL55211
1
FDA
3
4.2
1400
2
5600
0.85
38.5
30
1.2
91
No
No
1
Yes
► Fully Differential Amplifiers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com