Electronic Components Datasheet Search
  English  ▼

X  

XPE2 Datasheet(PDF) 11 Page - Cree, Inc

Part # XPE2
Description  Cree® XLamp® XP-E2 LEDs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPE2 Datasheet(HTML) 11 Page - Cree, Inc

Back Button XPE2 Datasheet HTML 4Page - Cree, Inc XPE2 Datasheet HTML 5Page - Cree, Inc XPE2 Datasheet HTML 6Page - Cree, Inc XPE2 Datasheet HTML 7Page - Cree, Inc XPE2 Datasheet HTML 8Page - Cree, Inc XPE2 Datasheet HTML 9Page - Cree, Inc XPE2 Datasheet HTML 10Page - Cree, Inc XPE2 Datasheet HTML 11Page - Cree, Inc XPE2 Datasheet HTML 12Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Copyright © 2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks
of Cree, Inc.
11
xlamp xp-e2 leds
taPe and reel
All Cree carrier tapes conform to EIA-481D, Automated Component Handling Systems Standard.
All dimensions in mm.
Loaded Pockets
(1,000 Lamps)
Leader
400mm (min) of
empty pockets with
at least 100mm
sealed by tape
(50 empty pockets min.)
Trailer
160mm (min) of
empty pockets
sealed with tape
(20 pockets min.)
START
END
Cathode Side
Anode Side
(denoted by + and circle)
160.0
A
A
B
2.5±.1
SECTION A-A
SCALE 2 : 1
1.5±.1
8.0±.1
4.0±.1
1.75±.10
12.0 .0
+.3
DETAIL B
SCALE 2 : 1
13mm
7"
Cover Tape
Pocket Tape
User Feed Direction
User Feed Direction
SIZE
TITLE
OF
REV.
SHEET
C
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
X°
±
.5 °
.XXX ±
.010
.XX ±
.03
.X
±
.06
FOR SHEET METAL PARTS ONLY
.XX ±
.01
.XXX ±
.005
X°
±
.5 °
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN INCHES
AND AFTER FINISH.
TOLERANCE UNLESS SPECIFIED:
SCALE
A
B
C
D
1
2
3
4
5
6
6
5
4
3
2
1
A
B
C
D
Phone (919) 313-5300
Fax (919) 313-5558
4600 Silicon Drive
Durham, N.C 27703
UNAUTHORIZED PERSON WITHOUT THE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTANED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
SURFACE FINISH: 63
330
+.25
-.75
12.4
+1.0
-.5
MEASURED AT EDGE
16.4
+0.2
.0
MEASURED AT HUB
12.4
+.2
.0
MEASURED AT HUB
±.2
13.1
1.9±.4
±.4
21
60°
60°
1
/
1
0.500
A
2400-00009
REEL, 13" X 12MM, 3 PIECE SNAP
-
ANTI-STATIC HIPS
--
--
--
--
09/29/09
D. CRONIN
2400-00009
INDEX
QTY
ITEM
COMMENTS
1
1
2400-00009-CORE
2
2
2400-00009-REEL
REVISONS
REV
DESCRIPTION
BY
DATE
APP'D
.30 [.012]
T
Ao
3.7 +/-0.1mm
+.10
+.0039
2.46
.096
Ko
-.00[
-.0000]
3.7 +/-0.1mm
Bo
P2
2.00 [.079]
Po
4.00 [.157]
10.25
[.404]
E2
1.50 +.10 +.0039 -.00[.0591-.0000]Do
4.39 [.173]
4.39
[.173]
7.3 °
12.00 [.472]
NOMINAL
12.30 [.484]
MAX
W
1.75 [.069]
E1
5.50 [.217]F
1.50 [.059]
D1
8.00 [.315]
P
POCKET SIZE
Ao -
3.7mm +/-0.1mm
Bo -
3.7mm +/-0.1mm
Ko -
2.46mm +0.1/-0mm
.30 [.012]
T
Ao
3.7 +/-0.1mm
+.10
+.0039
2.46
.096
Ko
-.00[
-.0000]
3.7 +/-0.1mm
Bo
P2
2.00 [.079]
Po
4.00 [.157]
10.25
[.404]
E2
1.50 +.10 +.0039 -.00[.0591-.0000]Do
4.39 [.173]
4.39
[.173]
7.3 °
12.00 [.472]
NOMINAL
12.30 [.484]
MAX
W
1.75 [.069]
E1
5.50 [.217]F
1.50 [.059]
D1
8.00 [.315]
P
POCKET SIZE
Ao -
3.7mm +/-0.1mm
Bo -
3.7mm +/-0.1mm
Ko -
2.46mm +0.1/-0mm
.30 [.012]
T
Ao
3.7 +/-0.1mm
+.10
+.0039
2.46
.096
Ko
-.00[
-.0000]
3.7 +/-0.1mm
Bo
P2
2.00 [.079]
Po
4.00 [.157]
10.25
[.404]
E2
1.50 +.10 +.0039 -.00[.0591-.0000]Do
4.39 [.173]
4.39
[.173]
7.3 °
12.00 [.472]
NOMINAL
12.30 [.484]
MAX
W
1.75 [.069]
E1
5.50 [.217]F
1.50 [.059]
D1
8.00 [.315]
P
POCKET SIZE
Ao -
3.7mm +/-0.1mm
Bo -
3.7mm +/-0.1mm
Ko -
2.46mm +0.1/-0mm
.30 [.012]
T
Ao
3.7 +/-0.1mm
+.10
+.0039
2.46
.096
Ko
-.00[
-.0000]
3.7 +/-0.1mm
Bo
P2
2.00 [.079]
Po
4.00 [.157]
10.25
[.404]
E2
1.50 +.10 +.0039 -.00[.0591-.0000]Do
4.39 [.173]
4.39
[.173]
7.3 °
12.00 [.472]
NOMINAL
12.30 [.484]
MAX
W
1.75 [.069]
E1
5.50 [.217]F
1.50 [.059]
D1
8.00 [.315]
P
POCKET SIZE
Ao -
3.7mm +/-0.1mm
Bo -
3.7mm +/-0.1mm
Ko -
2.46mm +0.1/-0mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com