Electronic Components Datasheet Search
  English  ▼

X  

XPE2 Datasheet(PDF) 1 Page - Cree, Inc

Part # XPE2
Description  Cree® XLamp® XP-E2 LEDs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPE2 Datasheet(HTML) 1 Page - Cree, Inc

  XPE2 Datasheet HTML 1Page - Cree, Inc XPE2 Datasheet HTML 2Page - Cree, Inc XPE2 Datasheet HTML 3Page - Cree, Inc XPE2 Datasheet HTML 4Page - Cree, Inc XPE2 Datasheet HTML 5Page - Cree, Inc XPE2 Datasheet HTML 6Page - Cree, Inc XPE2 Datasheet HTML 7Page - Cree, Inc XPE2 Datasheet HTML 8Page - Cree, Inc XPE2 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Product family data sheet
Copyright © 2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice.
Cree®, the Cree logo and XLamp® are registered trademarks of Cree, Inc.
cree
® Xlamp® XP-e2 leds
Product descriPtion
The XLamp XP-e2 LeD builds on the
unprecedented performance of the
original XP-e by increasing lumen
output up to 20% while providing
a single die LeD point source for
precise optical control. The XP-
e2 LeD shares the same footprint
as the original XP-e, providing a
seamless upgrade path to more
lumens and/or greater efficiency
while shortening the design cycle
for existing XP customers.
XLamp XP-e2 LeDs are the ideal
choice
for
lighting
applications
where
high
light
output
and
maximum efficacy are required,
such as LED retrofit lamps, outdoor
lighting, portable lighting, or indoor
directional lighting.
features
• Available in white, outdoor white,
80-CRI, 85-CRI and 90-CRI white
• ANSI-compatible chromaticity
bins
• Binned @ 85 °C
• Maximum drive current: 1 A
• Low thermal resistance: 9 °C/W
• Wide viewing angle: 110°
• Unlimited floor life at
≤ 30 °C/85% RH
• Reflow solderable - JEDEC J-STD-
020C compatible
• Electrically neutral thermal path
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
table of contents
Flux Characteristics.................... 2
Characteristics .......................... 3
Relative Spectral Power
Distribution............................... 3
Relative Flux vs. Junction
Temperature ............................. 4
electrical Characteristics............. 4
Thermal Design......................... 5
Relative Flux vs. Current ............ 5
Relative Chromaticity vs. Current
and Temperature - Warm White... 6
Typical Spatial Distribution.......... 7
Reflow Soldering Characteristics .. 8
Notes....................................... 9
Mechanical Dimensions..............10
Tape and Reel ..........................11
Packaging................................12


Similar Part No. - XPE2

ManufacturerPart #DatasheetDescription
logo
AG Electronica
XPE700 AGELECTRONICA-XPE700 Datasheet
245Kb / 1P
JUEGO DE DESARMADORES ERGONÓMICOS 7 PIEZAS
04/09/2019
logo
Cree, Inc
XPEAMB-L1-0000-00301 CREE-XPEAMB-L1-0000-00301 Datasheet
2Mb / 38P
Cree® XLamp® XP Family LEDs
rev 17
XPEAMB-L1-0000-00301 CREE-XPEAMB-L1-0000-00301 Datasheet
2Mb / 44P
Cree® XLamp® XP-E LEDs
2008-2018
XPEAMB-L1-0000-00303 CREE-XPEAMB-L1-0000-00303 Datasheet
2Mb / 44P
Cree® XLamp® XP-E LEDs
2008-2018
XPEAMB-L1-0000-00401 CREE-XPEAMB-L1-0000-00401 Datasheet
2Mb / 38P
Cree® XLamp® XP Family LEDs
rev 17
More results

Similar Description - XPE2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
XLamp XP-E2 LEDs
Rev 5
XP-E2 CREE-XP-E2 Datasheet
2Mb / 39P
Cree XLamp XP-E2 LEDs
Rev 9A
XP-G2 CREE-XP-G2 Datasheet
2Mb / 30P
Cree XLamp XP-G2 LEDs
Rev 12E
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
Cree XLamp XP-G3 LEDs
Rev 0E
XP-L CREE-XP-L Datasheet
2Mb / 35P
Cree XLamp XP-L LEDs
Rev 4D
XLAMP-XPG3 CREE-XLAMP-XPG3 Datasheet
2Mb / 49P
XLamp® XP-G3 LEDs
REV 11
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01_V01 Datasheet
1Mb / 31P
XLamp® XP-C LEDs
2008-2021
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
Cree® XLamp® XP-E LEDs
2008-2018
XMLAWT-00-0000-0000U2051 CREE-XMLAWT-00-0000-0000U2051 Datasheet
1Mb / 22P
Cree® XLamp® XM Family LEDs
2010-2016
logo
Cree LED
XP-G3 CREELED-XP-G3 Datasheet
1Mb / 48P
XLamp® XP-G3 LEDs
REV 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com