Electronic Components Datasheet Search
  English  ▼

X  

XPE2 Datasheet(PDF) 3 Page - Cree, Inc

Part # XPE2
Description  Cree® XLamp® XP-E2 LEDs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPE2 Datasheet(HTML) 3 Page - Cree, Inc

  XPE2 Datasheet HTML 1Page - Cree, Inc XPE2 Datasheet HTML 2Page - Cree, Inc XPE2 Datasheet HTML 3Page - Cree, Inc XPE2 Datasheet HTML 4Page - Cree, Inc XPE2 Datasheet HTML 5Page - Cree, Inc XPE2 Datasheet HTML 6Page - Cree, Inc XPE2 Datasheet HTML 7Page - Cree, Inc XPE2 Datasheet HTML 8Page - Cree, Inc XPE2 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Copyright © 2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks
of Cree, Inc.
3
xlamp xp-e2 leds
characteristics
characteristics
unit
minimum
typical
maximum
Thermal resistance, junction to solder point
°C/W
9
Viewing angle (FWHM)
degrees
110
Temperature coefficient of voltage
mv/°C
-2.3
ESD classification (HBM per Mil-Std-883D)
Class 2
DC forward current
mA
350
1000
Reverse voltage
v
-5
Forward voltage (@ 350 mA, 85 °C)
v
2.9
3.75
Forward voltage (@ 700 mA, 85 °C)
3.05
Forward voltage (@ 1000 mA, 85 °C)
3.15
LeD junction temperature
°C
150
relative sPectral Power distribution
Relative Spectral Power
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
380
430
480
530
580
630
680
730
780
Wavelength (nm)
Cool White
Warm White



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com