Electronic Components Datasheet Search
  English  ▼

X  

BB202 Datasheet(PDF) 37 Page - NXP Semiconductors

Part # BB202
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BB202 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button BB202 Datasheet HTML 33Page - NXP Semiconductors BB202 Datasheet HTML 34Page - NXP Semiconductors BB202 Datasheet HTML 35Page - NXP Semiconductors BB202 Datasheet HTML 36Page - NXP Semiconductors BB202 Datasheet HTML 37Page - NXP Semiconductors BB202 Datasheet HTML 38Page - NXP Semiconductors BB202 Datasheet HTML 39Page - NXP Semiconductors BB202 Datasheet HTML 40Page - NXP Semiconductors BB202 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 130 page
background image
38
NXP Semiconductors RF Manual 16th edition
1.6.4 RF plasma lighting
Application diagram
brb436
oscillator
MPA
HPA
RF (plasma) bulb
CONTROLLER
Recommended products
Function
Product
Package
Type
Oscillator
RF transistor
SOT143
BFG520
SOT143
BFG325/XR
SOT23
BFR520
SOT323
BFR92AW
SOT323
BFR93AW
SOT323
BFS520
SOT343
BFG520W
SOT343
BFG325W/XR
SOT363
BFM520
SOT416
BFR520T
Function
Product
Package
Type
MPA
(medium
power
amplifier)
MMIC
SOT89
BGA6289
BGA6489
BGA6589
SOT908
BGA7124
SOT89
BGA7024
SOT908
BGA7127
SOT89
BGA7027
SOT908
BGA7130
Product highlight:
LDMOS enables RF lighting
NXP's 50 V high-voltage LDMOS process enables highest power at
the extreme ruggedness levels necessary for this kind of application.
BLF578: 1200 W CW operation - highest power LDMOS
Features
` Highest power device
` Unprecedented ruggedness
` Low thermal resistance for reliable operation
` Consistent device performance
` Broadband device for flexible use
Looking for more information on RF plasma lighting?
See section 2.5.2 RF-driven plasma lighting: The next revolution in light
sources are powered by solid-state RF technology
Function
Product
f
min (MHz)
f
max (MHz)
P1dB (W)
Package
Type
HPA
Driver
1
2500
12
SOT975
BLF25M612(G)*
10
500
20
SOT467C
BLF571
Final
1
1000
100
SOT467
BLF871(S)
10
500
300
SOT502
BLF573(S)
10
500
600
SOT539A
BLF574
10
500
600
SOT539
BLF574XR(S)*
10
500
1200
SOT539A
BLF578
10
500
1400
SOT539
BLF578XR(S)
688
1000
200
SOT502
BLF6G10(LS)-200RN
700
1000
135
SOT502
BLF6G10(LS)-135RN
700
1000
160
SOT502
BLF6G10(LS)-160RN
2400
2500
180
SOT539
BLF2425M6L(S)180P*
2400
2500
140
SOT502
BLF2425M7L(S)140
2400
2500
200
SOT502
BLF2425M7L(S)200*
2400
2500
250
SOT539
BLF2425M7L(S)250P
* Check status in section 3.1, as this type is not yet released for mass production



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com