Electronic Components Datasheet Search
  English  ▼

X  

BB202 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # BB202
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BB202 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button BB202 Datasheet HTML 35Page - NXP Semiconductors BB202 Datasheet HTML 36Page - NXP Semiconductors BB202 Datasheet HTML 37Page - NXP Semiconductors BB202 Datasheet HTML 38Page - NXP Semiconductors BB202 Datasheet HTML 39Page - NXP Semiconductors BB202 Datasheet HTML 40Page - NXP Semiconductors BB202 Datasheet HTML 41Page - NXP Semiconductors BB202 Datasheet HTML 42Page - NXP Semiconductors BB202 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 130 page
background image
40
NXP Semiconductors RF Manual 16th edition
brb410
RF signals
RF small signal
RF power
control and timing
local oscillator signal
local oscillator
video
RF POWER BOARD
MPA
VGA
LNA
IF amplifier
HPA ISOLATOR
WAVEFORM
GENERATOR
DISPLAY
AND
CONTROL
ANTENNA
DRIVE
DETECTOR
PLL VCO
duplexer
mixer
mixer
PLL VCO
video, timing, bias voltage,
control and data
I-f signals
1.7 Aerospace and defense
1.7.1 Microwave products for L- and S-band radar and avionics applications
Application diagram
Product highlight:
BLS7G2729L-350P LDMOS S-band radar power transistor
Designed for S-band operation (2.7 to 2.9 GHz), this internally
matched LDMOS power transistor for rader applications delivers an
output power of 350 W and a power gain of 13.5 dB at an efficiency
of 50 %.
Features
` Easy power control
` Integrated ESD protection
` High flexibility with respect to pulse formats
` Excellent ruggedness
` Excellent thermal stability
Function
Product
f
min (MHz)
f
max (MHz)
P1dB (W)
VDS (V)
η
D (%)
G
p (dB)
Package
Type
HPA
Driver
500
1400
25
50
50
19
SOT467C
BLL6H0514-25
1030
1090
10
36
40
16
SOT467C
BLA1011-10
1030
1090
2
36
-
16
SOT538A
BLA1011-2
2700
3100
6
32
33
15
SOT975C
BLS6G2731-6G
2700
3500
30
32
50
13
SOT1135
BLS6G2735L(S)-30
3100
3500
20
32
45
15.5
SOT608
BLS6G3135(S)-20
Final
400
1000
600
50
57
20
SOT539
BLU6H0410L(S)-600P
500
1400
130
50
50
17
SOT1135
BLL6H0514L(S)-130
960
1215
250
36
50
13.5
SOT502A
BLA0912-250R
960
1215
500
50
50
17
SOT634A
BLA6H0912-500
1030
1090
200
28
65
20
SOT502
BLA6G1011LS-200RG
1030
1090
600
48
52
17
SOT539A
BLA6H1011-600
1200
1400
250
36
45
15
SOT502A
BLL6G1214L-250
1200
1400
500
50
50
17
SOT539A
BLL6H1214-500
1200
1400
250
50
55
17
SOT502
BLL6H1214L(S)-250
2700
3100
130
32
50
12
SOT922-1
BLS6G2731S-130
2700
2900
350
32
50
13.5
SOT539
BLS7G2729L(S)-350P
2900
3300
150
32
47
13.5
SOT922-1
BLS7G2933S-150
3100
3500
120
32
43
11
SOT502
BLS6G3135(S)-120
3100
3500
350
32
43
10
SOT539
BLS7G3135L(S)-350P*
* Check status in section 3.1, as this type is not yet released for mass production
Recommended products



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com