Electronic Components Datasheet Search
  English  ▼

X  

BB202 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # BB202
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BB202 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button BB202 Datasheet HTML 8Page - NXP Semiconductors BB202 Datasheet HTML 9Page - NXP Semiconductors BB202 Datasheet HTML 10Page - NXP Semiconductors BB202 Datasheet HTML 11Page - NXP Semiconductors BB202 Datasheet HTML 12Page - NXP Semiconductors BB202 Datasheet HTML 13Page - NXP Semiconductors BB202 Datasheet HTML 14Page - NXP Semiconductors BB202 Datasheet HTML 15Page - NXP Semiconductors BB202 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 130 page
background image
13
NXP Semiconductors RF Manual 16th edition
Outdoor unit
Function
Product
Gain range
Package
Type
Single VGA
(variable-
gain
amplifier)
MMIC
31 dB
SOT617
BGA7210
BGA7204
Function
Product
P
L (1dB)
@ 940 MHz
Package
Type
MPA
(medium
power
amplifier)
MMIC
24 dBm
SOT89
BGA7024
28 dBm
BGA7027
25 dBm
SOT908
BGA7124
28 dBm
BGA7127
30 dBm
BGA7130
Function
Product
Package
Type
Buffer
RF transistor
SiGe:C
transistor
SOT343F
BFU725F/N1
BFU730F
BFU760F
BFU790F
Function
Product
Package
Type
LNA
RF transistor
SiGe:C
transistor
SOT343F
BFU725F/N1
BFU730F
BFU760F
BFU790F
Function
Product
Package
Type
IF
IF gain block
MMIC
SOT363
BGA2800
BGA2801
BGA2815
BGA2816
BGA2850
BGA2865
BGA2866
MMIC
General-
purpose
wideband
amplifiers
BGM1014
BGM1013
BGM1012
BGA2714
Function
Product
Gain range
Package
Type
Dual VGA
(variable-
gain
amplifier)
MMIC
24 dB
SOT617
BGA7350
28 dB
BGA7351
Function
Product
Noise
Package
Type
PLL + VCO
(LO
generator)
MMIC
-131 dBc/Hz @
1 MHz offset
@ 5.3 GHz
SOT617
BGX7300*
Function
Product
Package
Type
Oscillator
RF transistor
Wideband
transistor
SOT343R
BFG424W
BFG425W
SiGe:C
transistor
SOT343F
BFU725F/N1
BFU730F
BFU760F
BFU790F
* Check status in section 3.1, as this type is not yet released for mass
production
Product highlight:
BGA7350 MMIC variable-gain amplifier
The BGA7350 MMIC is a dual independent digitally controlled IF
variable-gain amplifier (VGA) operating from 50 to 250 MHz. Each IF
VGA amplifies with a gain range of 24 dB and, at its maximum gain
setting, delivers 17 dBm output power at 1 dB gain compression
with superior linear performance. The BGA7350 is optimized for a
differential gain error of less than ±0.1 dB for accurate gain control
and has a total integrated gain error of less than ±0.4 dB. It is housed
in a 32-pin leadless HVQFN package (5 x 5 mm).
Features
` Dual independent digitally controlled 24 dB gain range VGAs,
with 5-bit control interface
` 50 to 250 MHz frequency operating range
` Gain step size: 1 dB ± 0.1 dB
` 18.5 dB power gain
` Fast gain stage switching capability
` 17 dBm output power at 1 dB gain compression
` 5 V single supply operation with power-down control
` Logic-level shutdown control pin reduces supply current
` ESD protection at all pins
` Unconditionally stable
NXP BTS Tx component demonstrator board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com