Electronic Components Datasheet Search
  English  ▼

X  

2012 Datasheet(PDF) 17 Page - Kemet Corporation

Part # 2012
Description  Aluminum Electrolytic Capacitors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

2012 Datasheet(HTML) 17 Page - Kemet Corporation

Back Button 2012 Datasheet HTML 13Page - Kemet Corporation 2012 Datasheet HTML 14Page - Kemet Corporation 2012 Datasheet HTML 15Page - Kemet Corporation 2012 Datasheet HTML 16Page - Kemet Corporation 2012 Datasheet HTML 17Page - Kemet Corporation 2012 Datasheet HTML 18Page - Kemet Corporation 2012 Datasheet HTML 19Page - Kemet Corporation 2012 Datasheet HTML 20Page - Kemet Corporation 2012 Datasheet HTML 21Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 66 page
background image
1
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com
1
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864.963.6300 • www.kemet.com
Ceramic Capacitors
Through-Hole Multilayer Ceramic Capacitors (THD MLCCs)
Radial • Molded • C0G (NP0) & X7R Dielectrics • 50VDC–200VDC
(Commercial Grade)
C3 Technology • Axial & Radial • C0G (NP0) & X7R Dielectrics • 50VDC–200VDC
(Robust • MIL Screened)
Series
Code
Dimensions
L x H x T
(inches)
Lead
Spacing
(inches)
Dielectric/
Capacitance Range
Voltage
Range
(VDC)
Benefits
C052/56 0.190 x 0.190 x 0.090
0.20
C0G – 1.0pF - 400pF
XR – 10pF - 0.1µF
50 - 200
-55°C to +125°C operating temperature range
Pb-Free and RoHS-compliant (excluding SnPb lead
material option)
Non-polar device, minimizing installation concerns
100% pure matte tin-plated lead material allowing for
excellent solderability
SnPb plated lead material option available upon request
(60/40)
0.51mm lead diameter (C31X-C34X)
0.64mm lead diameter (C35X)
Through-hole technology offers excellent flex performance
C062/66 0.290 x 0.290 x 0.090
0.20
C0G – 3300pF - 0.022µF
XR – 1200pF - 1.0µF
50 - 200
C512
0.480 x 0.480 x 0.140
0.40
C0G – 0.012µF - 0.1µF
XR – 1.0µF - 2.2µF
50 - 200
C522
0.480 x 0.480 x 0.240
0.40
C0G – 0.082µF - 0.18µF
XR – 1.0µF - 3.3µF
50 - 200
Series
Code
Form Factor
Dielectric
Capacitance Range
Voltage
Range
(VDC)
Benefits
SCR
Radial
C0G (NP0)
10pF - 0.068µF
50 - 200
-55°C to +125°C operating temperature range
C3 designs provide robust protection for extreme environments
Internal lead wire attachment
Non-coated
Axial and radial form factor
Available with screening to MIL-PRF-20, Group A (C0G)
Available with screening to MIL-PRF-39014, Group A (XR)
Lead spacing options of .020 & .025 (inches)
Lead diameter options of 0.20 & 0.40 (inches)
Solder coated copper clad steel lead material (standard)
Gold plated copper clad steel lead material option
Through-hole technology offers excellent flex performance
SRR
Radial
XR
680pF - 4.µF
SCA
Axial
C0G (NP0)
10pF - 0.1µF
SRA
Axial
XR
1000pF - 5.6µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com