Electronic Components Datasheet Search
  English  ▼

X  

2012 Datasheet(PDF) 20 Page - Kemet Corporation

Part # 2012
Description  Aluminum Electrolytic Capacitors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

2012 Datasheet(HTML) 20 Page - Kemet Corporation

Back Button 2012 Datasheet HTML 16Page - Kemet Corporation 2012 Datasheet HTML 17Page - Kemet Corporation 2012 Datasheet HTML 18Page - Kemet Corporation 2012 Datasheet HTML 19Page - Kemet Corporation 2012 Datasheet HTML 20Page - Kemet Corporation 2012 Datasheet HTML 21Page - Kemet Corporation 2012 Datasheet HTML 22Page - Kemet Corporation 2012 Datasheet HTML 23Page - Kemet Corporation 2012 Datasheet HTML 24Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 66 page
background image
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com
20
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864.963.6300 • www.kemet.com
20
Ceramic Capacitors
High Voltage Through-Hole Multilayer Ceramic Capacitors (THD MLCCs)
High Voltage Goldmax Series • Radial • Conformally Coated • C0G (NP0) & X7R Dielectrics • 500VDC–3KVDC
(Commercial & Automotive Grade)
Series
Code
Dimensions
L x H x T (inches)
Lead
Spacing
(inches)
Dielectric/
Capacitance Range
Voltage
Range
(VDC)
Benefits
C315 0.150 x 0.210 x 0.100
0.10
C0G – 1.0pF - 180pF
XR – 10pF - 3300pF
500 - 1000
General (All Dielectrics)
Pb-Free and RoHS-compliant (excluding SnPb lead
material option)
DC voltage ratings of 500V, 1KV, 1.5KV, 2KV, 2.5KV, 3KV
Available capacitance tolerances of ±0.25pF, ±0.5pF,
±1pF, ±2pF, ±5%, ±10% and ±20%
Non-polar device, minimizing installation concerns
100% pure matte tin-plated lead material allowing for
excellent solderability
SnPb plated lead material option available upon request
(60/40)
Several lead configuration options available
(See catalog for details)
0.51mm lead diameter (C31X-C34X)
0.64mm lead diameter (C35X)
C0G (NP0) Dielectric
-55°C to +125°C operating temperature range
Commercial and Automotive (AEC-Q200) Grades
available
No piezoelectric noise
Low ESR and ESL
High thermal stability
High ripple current capability
Preferred capacitance solution at line frequencies and
into the MHz range
No capacitance change with respect to applied rated
DC voltage
Negligible capacitance change with respect to
temperature from -55°C to +125°C
No capacitance decay with time
XR Dielectric
-55°C to +125°C operating temperature range
Commercial and Automotive (AEC-Q200) Grades
available
Temperature stable dielectric
Z5U Dielectric
+10°C to +85°C operating temperature range
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
C316 0.150 x 0.230 x 0.100
0.10
C31 0.150 x 0.230 x 0.100
0.20
C318 0.150 x 0.235 x 0.100
0.20
C320 0.200 x 0.260 x 0.125
0.10
C0G – 1.0pF - 3300pF
XR – 10pF - 0.04µF
500 - 2000
C321 0.200 x 0.260 x 0.125
0.25
C322 0.200 x 0.260 x 0.125
0.20
C323 0.200 x 0.320 x 0.125
0.20
C324 0.200 x 0.260 x 0.125
0.10
C325 0.200 x 0.320 x 0.125
0.20
C326 0.200 x 0.350 x 0.125
0.10
C32 0.200 x 0.350 x 0.125
0.20
C328 0.200 x 0.325 x 0.125
0.20
C330 0.300 x 0.360 x 0.150
0.20
C0G – 10pF - 6800pF
XR – 10pF - 0.22µF
500 - 3000
C331 0.300 x 0.360 x 0.150
0.25
C333 0.300 x 0.390 x 0.150
0.20
C335 0.300 x 0.420 x 0.150
0.20
C336 0.300 x 0.450 x 0.150
0.20
C340 0.400 x 0.460 x 0.150
0.20
C0G – 1.0pF - 0.015µF
XR – 1200pF - 0.68µF
500 - 3000
C346 0.400 x 0.590 x 0.150
0.20
C350 0.500 x 0.560 x 0.200
0.40
C0G – 100pF - 0.39µF
XR – 6800pF - 0.82µF
500 - 3000
C356 0.500 x 0.60 x 0.200
0.40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com