Electronic Components Datasheet Search
  English  ▼

X  

2012 Datasheet(PDF) 25 Page - Kemet Corporation

Part # 2012
Description  Aluminum Electrolytic Capacitors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

2012 Datasheet(HTML) 25 Page - Kemet Corporation

Back Button 2012 Datasheet HTML 21Page - Kemet Corporation 2012 Datasheet HTML 22Page - Kemet Corporation 2012 Datasheet HTML 23Page - Kemet Corporation 2012 Datasheet HTML 24Page - Kemet Corporation 2012 Datasheet HTML 25Page - Kemet Corporation 2012 Datasheet HTML 26Page - Kemet Corporation 2012 Datasheet HTML 27Page - Kemet Corporation 2012 Datasheet HTML 28Page - Kemet Corporation 2012 Datasheet HTML 29Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 66 page
background image
25
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com
25
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864.963.6300 • www.kemet.com
Ceramic Capacitors
Military Grade Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) (cont.)
MIL-PRF-123 • High Reliability • BR (X7R) & BX (X7R) Dielectrics • 6.3VDC–200VDC
(Military Grade & Space Quality)
DSCC Approved • High Reliability • BP (C0G/NP0), BR (X7R) & BX (X7R) Dielectrics • 6.3VDC–200VDC
(Military Grade)
Size Code
EIA
Style
Dielectric
Capacitance
Range
Voltage
Range (VDC)
Benefits
0805
CKS51
BP, BX
1.0pF - 0.018µF
50 - 100
-55°C to +125°C operating temperature range
High reliability
Non-polar device, minimizing installation concerns
Tin coated (Sn60) end metallization option available
SnPb plated (0/30) end metallization option available
Gold plated end metallization option available
•
•
•
•
•
•
1206
CKS55
BP, BX
1.0pF - 0.039µF
50 - 100
1210
CKS52
BP, BX
300pF - 0.1µF
50 - 100
1808
CKS53
BP, BX
300pF - 0.1µF
50 - 100
1812
CKS56
BP, BX
1200pF - 0.18µF
50 - 100
1825
CKS5
BP, BX
3900pF - 0.4µF
50 - 100
2225
CKS54
BP
1100pF - 1.0µF
50
Size Code
EIA
Style
Dielectric
Capacitance
Range
Voltage
Range (VDC)
Benefits
0402
DSCC 03029
BR, BX
100pF - 2200pF
6.3 - 200
Defense Supply Center, Columbus approved
Federal Stock Control Number, Cage Code 31433
Meets US Department of Defense (USDoD) specifications
per MIL-PRF-55681
Meets USDoD standards per MIL-STD-202 & MIL-STD-1285
High reliability
Non-polar device, minimizing installation concerns
•
•
•
•
•
•
0603
DSCC 03028
BR, BX
100pF - 0.1µF
6.3 - 200
0805
DSCC 05006 BP, BR, BX 1.0pF - 0.018µF
10 - 200
1206
DSCC 0500 BP, BR, BX 1.0pF - 0.04µF
10 - 200
2220
DSCC 91019
BR
0.56µF - 1.0µF
25 - 50
Military Grade Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Commercial-Off-The-Shelf (COTS) for Higher Reliability Applications • X7R and C0G Dielectrics • 6.3VDC–250VDC
(COTS • MIL Screened)
Size Code
EIA/Metric
Dimensions
L x W (mm)
Dielectric/
Capacitance Range
Voltage
Range (VDC)
Benefits
0402/1005
1.0 x 0.5
C0G – 0.5pF - 2200pF
XR – 150pF - 0.1µF
10 - 100
6.3 - 50
-55°C to +125°C operating temperature range
Voltage conditioning and post-electrical testing per
MIL-PRF-55681, Paragraph 4.8.3.1
Destructive Physical Analysis (DPA) per EIA-469
Humidity, steady state, low voltage (85/85) per MIL-STD
202, Method 103, Condition A
Certificate of compliance
RoHS-compliant (excluding SnPb end
metallization option)
Non-polar device, minimizing installation concerns
100% pure matte tin plated end metallization allowing for
excellent solderability
SnPb plated end metallization option available upon request
(5% min)
•
•
•
•
•
•
•
•
•
•
0603/1608
1.6 x 0.8
C0G – 0.5pF - 0.015µF
XR – 180pF - 0.4µF
10 - 200
6.3 - 200
0805/2012
2.0 x 1.25
C0G – 0.5pF - 0.04µF
XR – 180pF - 2.2µF
10 - 200
6.3 - 250
1206/3216
3.2 x 1.6
C0G – 10pF - 0.1µF
XR – 1000pF - 10µF
10 - 200
6.3 - 250
1210/3225
3.2 x 2.5
C0G – 10pF - 0.022µF
XR – 2200pF - 22µF
10 - 200
6.3 - 250
1808/4520
4.5 x 3.2
XR – 400pF - 0.18µF
50 - 200
1812/4532
4.5 x 3.2
C0G – 40pF - 0.22µF
XR – 6800pF - 10µF
50 - 200
25 - 250
1825/4564
4.5 x 6.4
C0G – 3900pF - 0.02µF
XR – 0.022µF - 2.2µF
50 - 200
25 - 250
2220/5650
5.6 x 5.0
C0G – 6800pF - 0.4µF
XR – 0.82µF - 22µF
50 - 200
25 - 250
2225/5664
5.6 x 6.3
C0G – 400pF - 0.033µF
XR – 0.04µF - 2.2µF
50 - 200
50 - 250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com