Electronic Components Datasheet Search
  English  ▼

X  

FMMT560 Datasheet(PDF) 13 Page - Texas Instruments

Part # FMMT560
Description  A 0.9-A Constant Current Supply with PFC for 100-W LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FMMT560 Datasheet(HTML) 13 Page - Texas Instruments

Back Button FMMT560 Datasheet HTML 9Page - Texas Instruments FMMT560 Datasheet HTML 10Page - Texas Instruments FMMT560 Datasheet HTML 11Page - Texas Instruments FMMT560 Datasheet HTML 12Page - Texas Instruments FMMT560 Datasheet HTML 13Page - Texas Instruments FMMT560 Datasheet HTML 14Page - Texas Instruments FMMT560 Datasheet HTML 15Page - Texas Instruments FMMT560 Datasheet HTML 16Page - Texas Instruments FMMT560 Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
9
List of Materials
www.ti.com
List of Materials
The EVM components list according to the schematic shown in Figure 1 and Figure 2.
Table 3. List of Materials
QTY
REF DES
DESCRIPTION
MFR
PART NUMBER
1
C1
Capacitor, ceramic, 10
µF, 25 V, X5R, 20%, 1206
Std
Std
C2, C5
Capacitor, metallized polyester film, 0.1
µF, 275 VAC,
2
Std
Std
10%, X2, 17.5 mm x 5.5 mm
2
C3, C4
Capacitor, ceramic disc, 1 nF, 250 V, Y1/X1
Panasonic
ECK-ANA102MB
1
C6
Capacitor, ceramic, 2.2
µF, 25 V, X7R, 10%, 0805
Std
Std
C7, C9,
Capacitor, ceramic, 1 nF, 50 V, NPO, 5%, 0805
6
C10, C21,
Std
Std
C23, C25
1
C8
Capacitor, ceramic, 330 nF, 16 V, X7R, 10%, 0805
Std
Std
1
C11
Capacitor, ceramic, 18 pF, 50 V, NPO, 5%, 1206
Std
Std
C12, C28, Capacitor, ceramic, 1
µF, 25 V, X5R, 10%, 0805
3
Std
Std
C34
C13, C20, Capacitor, ceramic, 0.1
µF, 25 V, X7R, 10%, 0805
3
Std
Std
C29
1
C14
Capacitor, polypropylene film, 0.56
µF, 400 V, 5%
Panasonic
ECW-F4564JL
C15, C16
Capacitor, aluminum electrolytic, 100
µF, 35 V, 20%, 6.3
2
Std
Std
mm x 11.5 mm
1
C17
Capacitor, aluminum electrolytic, 82
µF, 450 V, TS-HB
Panasonic
ECO-S2WB820BA
1
C18
Capacitor, ceramic, 10
µF, 25 V, X7R, 10%, 1210
Std
Std
2
C19, C22
Capacitor, ceramic, 10 nF, 50 V, X7R, 10%, 0805
Std
Std
1
C24
Capacitor, ceramic, 100 pF, 200 V, NPO, 5%, 0805
Std
Std
1
C26
Capacitor, ceramic, 47 pF, 50 V, NPO, 5%, 0805
Std
Std
1
C27
Capacitor, ceramic, 33 pF, 50 V, NPO, 5%, 1206
Std
Std
1
C30
Capacitor, polypropylene film, 0.56
µF, 630 V, 5%
Panasonic
ECW-F6564JL
2
C31, C32
Capacitor, metallized polyester film, 1.0
µF, 250 V, 10%
Panasonic
ECQ-E2105KF
1
C33
Capacitor, ceramic, 470 pF, 50 V, NPO, 5%, 0805
Std
Std
2
CL1, CL2
Current loop, wire, 20 AWG., stranded, 3.0 in.
Std
NA
2
D1, D2
Diode, 1.5 A, 600 V
Std
BYG10J
1
D3
Diode, bridge rectifier, 6 A, 600 V
Std
GBJ606
2
D4, D16
Diode, Schottky, 1.5 A, 30 V
Std
SL13-E3/61T
2
D5, D7
Diode, Schottky, 1 A, 90 V
Std
BYS11-90-E3/TR
2
D6, D17
Diode, switching, 90 V, 225 mA Ifm, high speed
Rohm
1SS355
2
D8, D18
Diode, ultra fast, 8 A, 600 V
IR
HFA08TB60S
2
D9, D10
Diode, Zener, 18 V, 1 W
Std
SMAZ18-13
D11, D13, Diode, signal, 300 mA, 75 V, 35 mW
3
Std
1N4148W
D15
2
D12, D21
Diode, dual Schottky, 200 mA, 30 V
Std
BAT54C
1
D14
Diode, Zener, 5.1 V, 1 W
Std
SMAZ5V1-13-F
D19, D20, Diode, Zener, 500 mW, 75 V
4
Std
MMSZ5267BT1
D22, D23
SLUU355A – March 2009 – Revised June 2009
A 0.9-A Constant Current Supply with PFC for 100-W LED Lighting Applications
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com