Electronic Components Datasheet Search
  English  ▼

X  

FMMT560 Datasheet(PDF) 14 Page - Texas Instruments

Part # FMMT560
Description  A 0.9-A Constant Current Supply with PFC for 100-W LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FMMT560 Datasheet(HTML) 14 Page - Texas Instruments

Back Button FMMT560 Datasheet HTML 9Page - Texas Instruments FMMT560 Datasheet HTML 10Page - Texas Instruments FMMT560 Datasheet HTML 11Page - Texas Instruments FMMT560 Datasheet HTML 12Page - Texas Instruments FMMT560 Datasheet HTML 13Page - Texas Instruments FMMT560 Datasheet HTML 14Page - Texas Instruments FMMT560 Datasheet HTML 15Page - Texas Instruments FMMT560 Datasheet HTML 16Page - Texas Instruments FMMT560 Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
List of Materials
www.ti.com
Table 3. List of Materials (continued)
QTY
REF DES
DESCRIPTION
MFR
PART NUMBER
1
F1
Fuse, SMP, 1.25 A
Bel
SMP 1.25
1
F1
Fuse 250 V UL fast 5 X 20 MM
Std
Std
2
FH1
Fuse clip, 5 x 20 mm, PC mount
Wickmann
01000056H
2
HS1, HS2 Heatsink, TO-220, vertical mount, 15
°C/W
Aavid
593002
1
J1
Connector, AC receptacle, board mount, R/A, 9 mm
Qualtek Electronics
703W-00/54
2
J2, J3
Header, male 2 pin, 100-mil spacing, (36-pin strip)
Sullins
PTC36SAAN
1
J4
Header, male 3 pin, 100-mil spacing, (36-pin strip)
Sullins
PTC36SAAN
1
J5
Terminal block, 2 pin 9.52-mm spacing
OST
OSTT7022150
1
L1
Inductor, thru hole, 1.3 A, 126 m
Ω
muRata
33331C
1
L2
Transformer, 1 prim, 1 sec, 1 mH, 3.1 A
Coiltronics
CTX16-18484
1
L3
Transformer, 1 prim, 1 sec, 400
µH, 2 A
Coiltronics
CTX33-18428
Q1, Q2,
Transistor, NPN, 75 V, 500 mA
4
Std
MMBT2222A
Q4, Q7
1
Q3
MOSFET, N-channel , 400 V, 10 A
IR
IRF840
1
Q5
MOSFET, N-channel, 500 V, 6 A
ST
STP6NK50Z
1
Q6
Bipolar, PNP, -500 V, -500 mA
Zetex
FMMT560
2
R1, R3
Resistor, chip, 301 k
Ω, 1/4 W, 1%, 1206
Std
Std
2
R2, R5
Resistor, chip, 1.00 M
Ω, 1/4 W, 1%, 1206
Std
Std
1
R4
Resistor, chip, 4.02 k
Ω, 1/8 W, 1%, 0805
Std
Std
1
R6
Resistor, chip, 6.19 k
Ω, 1/8 W, 1%, 0805
Std
Std
2
R7, R28
Resistor, chip, 4.75 k
Ω, 1/8 W, 1%, 0805
Std
Std
R8, R11,
Resistor, chip, 10.7 k
Ω, 1/8 W, 1%, 0805
6
R29, R30,
Std
Std
R33, R44
1
R9
Resistor, chip, 24.3 k
Ω, 1/8 W, 1%, 0805
Std
Std
1
R10
Resistor, chip, 6.81 k
Ω, 1/8 W, 1%, 0805
Std
Std
1
R12
Resistor, chip, 332
Ω, 1/8 W, 1%, 0805
Std
Std
R13, R15, Resistor, chip, 511 k
Ω, 1/4 W, 1%, 1206
4
Std
Std
R39, R40
2
R14, R16
Resistor, chip, 100 k
Ω, 1/4 W, 1%, 1206
Std
Std
1
R17
Resistor, chip, 47.5
Ω, 1/8 W, 1%, 0805
Std
Std
2
R18, R37
Resistor, chip, 21.5 k
Ω, 1/8 W, 1%, 0805
Std
Std
2
R19, R36
Resistor, chip, 10.0
Ω, 1/8 W, 1%, 0805
Std
Std
2
R20, R35
Resistor, chip, 0.40
Ω, 1 W, 1%, 2512
Std
Std
2
R22, R23
Resistor, chip, 200
Ω, 1/2 W, 1%, 1812
Std
Std
2
R24, R42
Resistor, chip, 10.0 k
Ω, 1/8 W, 1%, 0805
Std
Std
2
R25, R46
Resistor, chip, 100 k
Ω, 1/8 W, 1%, 0805
Std
Std
1
R26
Potentiometer, 3/8 cermet, single turn, flat
Bourns
3362P-504
1
R27
Resistor, chip, 665
Ω, 1/4 W, 1%, 1206
Std
Std
14
A 0.9-A Constant Current Supply with PFC for 100-W LED Lighting Applications
SLUU355A – March 2009 – Revised June 2009
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com