Electronic Components Datasheet Search
  English  ▼

X  

FMMT560 Datasheet(PDF) 15 Page - Texas Instruments

Part # FMMT560
Description  A 0.9-A Constant Current Supply with PFC for 100-W LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FMMT560 Datasheet(HTML) 15 Page - Texas Instruments

Back Button FMMT560 Datasheet HTML 9Page - Texas Instruments FMMT560 Datasheet HTML 10Page - Texas Instruments FMMT560 Datasheet HTML 11Page - Texas Instruments FMMT560 Datasheet HTML 12Page - Texas Instruments FMMT560 Datasheet HTML 13Page - Texas Instruments FMMT560 Datasheet HTML 14Page - Texas Instruments FMMT560 Datasheet HTML 15Page - Texas Instruments FMMT560 Datasheet HTML 16Page - Texas Instruments FMMT560 Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
www.ti.com
List of Materials
Table 3. List of Materials (continued)
QTY
REF DES
DESCRIPTION
MFR
PART NUMBER
R31, R32, Resistor, chip, 15.0 k
Ω, 1/8 W, 1%, 0805
3
Std
Std
R45
1
R34
Resistor, chip, 560
Ω, 1/8 W, 1%, 0805
Std
Std
1
R38
Resistor, chip, 0.47
Ω, 1 W, 1%, 2512
Std
Std
1
R41
Resistor, chip, 4.75 k
Ω, 1/4 W, 1%, 1206
Std
Std
1
R43
Resistor, chip, 221 k
Ω, 1/8 W, 1%, 0805
Std
Std
2
R47, R48
Resistor, chip, 221 k
Ω, 1/4 W, 1%, 1206
Std
Std
1
U1
LED Lighting Power Controller
TI
UCC28810D
1
U2
Timer, Low-Power CMOS
TI
TLC555D
1
U3
LED Lighting Power Controller
TI
UCC28811D
1
--
PCB, 10.4 in x 2 in x 0.062 in
Any
HPA439 REVA
2
Washer, #4, shoulder, nylon
Keystone
2
Heatpad TO-220 0.009" SP900
Bergquist
SP900S-90
2
Washer, #4 split, ss
Std
Std
2
Nut, #4-40, ss
Std
Std
2
Screw, #4 - 40, SS, 0.5 in.
Std
Std
1
JP1
Connector, jumper, shorting, gold, 0.100"
Sullens
SLUU355A – March 2009 – Revised June 2009
A 0.9-A Constant Current Supply with PFC for 100-W LED Lighting Applications
15
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com