Electronic Components Datasheet Search
  English  ▼

X  

39LF020 Datasheet(PDF) 15 Page - Silicon Storage Technology, Inc

Part # 39LF020
Description  512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

39LF020 Datasheet(HTML) 15 Page - Silicon Storage Technology, Inc

Back Button 39LF020 Datasheet HTML 11Page - Silicon Storage Technology, Inc 39LF020 Datasheet HTML 12Page - Silicon Storage Technology, Inc 39LF020 Datasheet HTML 13Page - Silicon Storage Technology, Inc 39LF020 Datasheet HTML 14Page - Silicon Storage Technology, Inc 39LF020 Datasheet HTML 15Page - Silicon Storage Technology, Inc 39LF020 Datasheet HTML 16Page - Silicon Storage Technology, Inc 39LF020 Datasheet HTML 17Page - Silicon Storage Technology, Inc 39LF020 Datasheet HTML 18Page - Silicon Storage Technology, Inc 39LF020 Datasheet HTML 19Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash
SST39LF512 / SST39LF010 / SST39LF020 / SST39LF040
SST39VF512 / SST39VF010 / SST39VF020 / SST39VF040
15
©2001 Silicon Storage Technology, Inc.
S71150-03-000
6/01
395
FIGURE 13: AC INPUT/OUTPUT REFERENCE WAVEFORMS
FIGURE 14: A TEST LOAD EXAMPLE
395 ILL F12.1
REFERENCE POINTS
OUTPUT
INPUT
VIT
VIHT
VILT
VOT
AC test inputs are driven at VIHT (0.9 VDD) for a logic “1” and VILT (0.1 VDD) for a logic “0”. Measurement reference points
for inputs and outputs are VIT (0.5 VDD) and VOT (0.5 VDD). Input rise and fall times (10%
↔ 90%) are <5 ns.
Note: VIT - VINPUT Test
VOT - VOUTPUT Test
VIHT - VINPUT HIGH Test
VILT - VINPUT LOW Test
395 ILL F11.1
TO TESTER
TO DUT
CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com