Electronic Components Datasheet Search
  English  ▼

X  

BL1084 Datasheet(PDF) 7 Page - SHANGHAI BELLING CO., LTD.

Part # BL1084
Description  5A Bipolar Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL1084 Datasheet(HTML) 7 Page - SHANGHAI BELLING CO., LTD.

Back Button BL1084 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL1084 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL1084 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL1084 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL1084 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL1084 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL1084 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL1084 Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. BL1084 Datasheet HTML 11Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
www.belling.com.cn
7
BL1084
TYPICAL PERFORMANCE CHARACTERISTICS
Dropout Voltage VS. Output Current
Output Voltage VS. Temperature
CH1 1.5A
CH2 100mV
M 100us
Vin=4.25V
Vout=1.25V
Iout=100mA to 3A
Cin=Cout=10uF(tan)
0.1A
3A
Vout
CH1 1.0V
CH2 20.0mV
M 250us
Vin=3.25V to 5.25V
Vout=1.25V
Iout=200mA
Cin=1uF (tan)
Cout=10uF(tan)
Vin
Vout
Load Transient Response
Line Transient Response
Output Voltage VS. Output Current
1.77
1.775
1.78
1.785
1.79
1.795
1.8
0
10
20
30
40
50
60
70
80
T( C)
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
0.5
1.5
2.5
3.5
4.5
Iout(A)
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
0
1
2
3
4
5
Iout(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com