Electronic Components Datasheet Search
  English  ▼

X  

BL1084 Datasheet(PDF) 3 Page - SHANGHAI BELLING CO., LTD.

Part # BL1084
Description  5A Bipolar Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL1084 Datasheet(HTML) 3 Page - SHANGHAI BELLING CO., LTD.

  BL1084 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL1084 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL1084 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL1084 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL1084 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL1084 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL1084 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL1084 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL1084 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
www.belling.com.cn
3
BL1084
ELECTRICAL CHARACTERISTICS
Tj=25℃
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Vref
Reference
Voltage
10mA≤Iout≤5A ,1.5V≤Vin-Vout≤5V
1.225
1.25
1.275
V
Vout
Output Voltage
BL1084-1.80V
Iout=0mA,Vin=4.8V,Tj=25℃
10mA≤Iout≤5A ,3.4V≤Vin≤7V
1.773
1.764
1.80
1.80
1.827
1.836
V
BL1084-2.50V
Iout=0mA,Vin=5.5V,Tj=25℃
10mA≤Iout≤5A ,4.1V≤Vin≤7V
2.462
2.45
2.50
2.50
2.537
2.55
V
BL1084-3.3V
Iout=0mA,Vin=6.3V,Tj=25℃
10mA ≤Iout≤5A ,4.9V≤Vin≤8V
3.25
3.234
3.3
3.3
3.350
3.366
V
BL1084-5.0V
Iout=0mA,Vin=8.0V,Tj=25℃
10mA ≤Iout≤5A ,6.6V≤Vin≤10V
4.925
4.90
5.0
5.0
5.075
5.10
V
ΔVout
Line Regulation
(note 1)
BL1084-ADJ
Iout=10mA, 2.85V≤Vin≤10V
10
40
mV
BL1084-1.8V
Iout=10mA, 3.4V≤Vin≤10V
10
40
mV
BL1084-2.5V
Iout=10mA, 4.1V≤Vin≤10V
10
40
mV
BL1084-3.3V
Iout=10mA, 4.9V≤Vin≤10V
10
40
mV
BL1084-5.0V
Iout=10mA, 6.6V≤Vin≤10V
10
40
mV
ΔVout
Load Regulation
(note 1,2)
BL1084-ADJ (ADJ connected to ground)
Vin-Vout=1.6V, 10mA≤Iout≤5A
16
50
mV
BL1084-1.8V
Vin-Vout=1.6V, 0≤Iout≤5A
16
50
mV
BL1084-2.5V
Vin-Vout=1.6V, 0≤Iout≤5A
16
50
mV
BL1084-3.3V
Vin-Vout=1.6V, 0≤Iout≤5A
16
50
mV
BL1084-5.0V
Vin-Vout=1.6V, 0≤Iout≤5A
16
50
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com