Electronic Components Datasheet Search
  English  ▼

X  

BL1084 Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL1084
Description  5A Bipolar Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL1084 Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL1084 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL1084 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL1084 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL1084 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL1084 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL1084 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL1084 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL1084 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL1084 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
www.belling.com.cn
1
5A Bipolar Linear Regulator
BL1084
DESCRIPTION
BL1084 is a series of low dropout three
terminal regulators with a typical dropout
voltage of 1.4V at 5A load current.
Other than fixed voltage versions (1.8V, 2.5V,
3.3V, 5.0V), BL1084 has an adjustable
voltage version, with which desired voltage
can be achieved by setting the values of two
external resistors of the application circuitry.
BL1084 offers thermal shut down and current
limit functions to assure the stability of chip
and power system.
BL1084
series
is
available
in
standard
packages of TO-263-2L, TO-263-3L, TO-220
and TO-252.
FEATURES
 Fixed and adjustable versions.
 Maximum output current : 5A
 Maximum input voltage: 15V
Line regulation: 0.2% (Typical)
 Load regulation: 0.2% (Typical)
 On-Chip Thermal Shutdown
Operation environment Temperature: -10℃
~ 85℃
APPLICATIONS
 Power Management for Computer Mother
Board, Graphic Card
 Battery Charger
 Post Regulators for Switching Supplies
 Microprocessor Supply
TYPICAL APPLICATION
ELECTRICAL CHARACTERISTICS
Fig 1. BL1084 fixed version Application circuit
NOTE: Input capacitor (Cin=10uF) and Output
capacitor (Cout=22uF) are recommended in all
application circuit. Tantalum capacitor is
preferred.
Fig 2. Dropout Voltage VS. Output Current
BL1084
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
0.5
1.5
2.5
3.5
4.5
Iout(A)


Similar Part No. - BL1084

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL1084 BELLING-BL1084 Datasheet
559Kb / 13P
5A Bipolar Linear Regulator
BL108418CS BELLING-BL108418CS Datasheet
559Kb / 13P
5A Bipolar Linear Regulator
BL108418CS1 BELLING-BL108418CS1 Datasheet
559Kb / 13P
5A Bipolar Linear Regulator
BL108418CY BELLING-BL108418CY Datasheet
559Kb / 13P
5A Bipolar Linear Regulator
BL108418CZ BELLING-BL108418CZ Datasheet
559Kb / 13P
5A Bipolar Linear Regulator
More results

Similar Description - BL1084

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4956 STMICROELECTRONICS-L4956 Datasheet
80Kb / 8P
5A LOW DROP LINEAR REGULATOR
Mar-1998
logo
Cherry Semiconductor Co...
CS5205A-1 CHERRY-CS5205A-1 Datasheet
154Kb / 6P
5A Adjustable Linear Regulator
Rev. 7/8/97
logo
Ceramate Technical
CP1084 CERAMATE-CP1084 Datasheet
327Kb / 11P
5A Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
5A LOW DROPOUT LINEAR REGULATOR
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
5A LOW DROPOUT LINEAR REGULATOR
logo
ACE Technology Co., LTD...
ACE1084 ACE-ACE1084 Datasheet
881Kb / 13P
5A Bipolar Linear Regulator
VER 1.4
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
5A Low-Dropout Linear Regulator
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
5A Low Dropout Linear Regulator
logo
SHANGHAI BELLING CO., L...
BL1084 BELLING-BL1084_13 Datasheet
559Kb / 13P
5A Bipolar Linear Regulator
logo
AiT Semiconductor Inc.
A1084 AITSEMI-A1084 Datasheet
905Kb / 13P
BIPOLAR LDO REGULATOR 5A BIPOLAR LINEAR REGULATOR
REV1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com