Electronic Components Datasheet Search
  English  ▼

X  

BL8051 Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL8051
Description  60V Input / 5V Output Linear Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8051 Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL8051 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8051 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8051 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8051 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8051 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8051 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8051 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.belling.com.cn
1
60V Input / 5V Output Linear Regulator
BL8051
DESCRIPTION
BL8051 is a three-terminal positive regulator with
an output voltage of 5.0V and output current up
to 100mA. The device features a typical output
tolerance of ±5%.
And its input voltage can
stand a voltage as high as 60V.
BL8051 includes high accuracy voltage reference,
error amplifier, TSD circuit and output driver
module.
BL8051 offers thermal shut down functions to
assure the stability of chip and power system.
BL8051 is available in SOT89-3,TO-92 and TO-220
power packages。
FEATURES
 Maximum output current up to 100mA
 Output voltage tolerances of ±5% over the
temperature range
 Internal thermal over-temperature
protection
 High input voltage (up to 60V)
 Low Power Consumption:80uA(Typ.)
 Available in plastic TO-92 and plastic TO-220
packages
 No external components
APPLICATIONS
 Battery Powered equipment
 Communication equipment
 Audio/Video equipment
TYPICAL APPLICATION
Application circuit of BL8051
NOTE: Input capacitor (C1=0.33uF) and Output
capacitor (C2=0.1uF) are recommended in all
application circuit. Tantalum capacitor is
recommended.
ELECTRICAL CHARACTERISTICS
BL8051


Similar Part No. - BL8051

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8052 BELLING-BL8052 Datasheet
596Kb / 5P
12V, 30mA Flash Memory Programming Supply
More results

Similar Description - BL8051

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6933 TI-PT6933 Datasheet
169Kb / 7P
8-A 5V-Input Dual-Output Integrated Switching Regulator
logo
Infineon Technologies A...
TLE4675 INFINEON-TLE4675 Datasheet
570Kb / 25P
Low Drop Out Linear Voltage Regulator 5V Fixed Output Voltage
Rev. 1.0, Sept. 2008
TLE7276 INFINEON-TLE7276_10 Datasheet
1Mb / 20P
Low Drop Linear Voltage Regulator 5V Fixed Output Voltage
Rev. 1.11, 2010-11-22
logo
Diodes Incorporated
ZXTR2105F DIODES-ZXTR2105F_15 Datasheet
455Kb / 7P
60V INPUT, 5V 15mA REGULATOR TRANSISTOR
Rev 5
logo
ON Semiconductor
CS8121 ONSEMI-CS8121 Datasheet
102Kb / 8P
5V, 1A Linear Regulator
December, 2001 - Rev. 7
logo
Shenzhenshi YONGFUKANG ...
NS6322 YONGFUKANG-NS6322 Datasheet
1Mb / 9P
4-30V Input 5V/2.4A Output Synchronous Buck Regulator
logo
Shenzhen Huazhimei Semi...
HM1782A HMSEMI-HM1782A Datasheet
1Mb / 9P
4-30V input 5V/2.4A output synchronous buck regulator
HM1782B HMSEMI-HM1782B Datasheet
1Mb / 9P
4-30V input 5V/3A output synchronous buck regulator
logo
Maxim Integrated Produc...
MAX17672CEVKIT MAXIM-MAX17672CEVKIT Datasheet
950Kb / 13P
5V Buck Output Voltage and 1.8V Linear Regulator Output Voltage
Rev 1; 7/19
logo
Diodes Incorporated
ZXTR2105F DIODES-ZXTR2105F Datasheet
410Kb / 7P
60V INPUT, 5V 15mA REGULATOR TRANSISTOR
May 2017
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com