Electronic Components Datasheet Search
  English  ▼

X  

BL8051 Datasheet(PDF) 3 Page - SHANGHAI BELLING CO., LTD.

Part # BL8051
Description  60V Input / 5V Output Linear Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8051 Datasheet(HTML) 3 Page - SHANGHAI BELLING CO., LTD.

  BL8051 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8051 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8051 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8051 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8051 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8051 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8051 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.belling.com.cn
3
BL8051
ABSOLUTE MAXIMUM RATING
Parameter
Value
Max Input Voltage
60V
Max Output Current
100mA
Operating Junction Temperature(Tj)
150C
Ambient Temperature(Ta)
-40C –85C
Power Dissipation
TO-92
0.5 W
TO-220
1 W
SOT89-3
0.5W
Storage Temperature(Ts)
-40C -150C
Lead Temperature & Time
260C, 10s
Note:
Exceed these limits may cause damage to the device.
Exposure to absolute maximum rating conditions may affect device reliability.
ELECTRICAL CHARACTERISTICS
(Test Conditions:Cin=0.33uF,Cout=0.1uF,TA=25C, Unless otherwise specified. )
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Vin
Input Voltage
60
V
Vout
Output Voltage
1mA≤Iout≤40mA
7V≤Vin≤20V
4.75
5.0
5.25
V
ΔVout
Line Regulation
7V≤Vin≤20V
-
-
200
mV
ΔVout
Load Regulation
1mA≤Iout≤100mA
-
-
150
mV
Iout(Max.
)
Maximum Output
Current
Vin-Vout=1.5V
100
mA
Iq
Quiescent Current
Vin-Vout=1.25V
-
0.08
0.15
mA
ΔV/ΔT
Temperature coefficient
Vin=6.5V,
25℃≤ Temp ≤85℃
±100
ppm
TSD
Over Temperature
Procetion
Vin=6.5V, Iout=1mA
150
℃
θJC
Thermal Resistor
TO-92
10
℃ /
W
TO-220
4.5
SOT89-3
20
Note1: All test are conducted under ambient temperature 25°C and within a short period of time 20ms



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com