Electronic Components Datasheet Search
  English  ▼

X  

BL8051 Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BL8051
Description  60V Input / 5V Output Linear Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8051 Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BL8051 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8051 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8051 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8051 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8051 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8051 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8051 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.belling.com.cn
2
BL8051
ORDERING INFORMATION
BL8051
□
1
□
2
□
3
□
4
□
5
Code
Description
□
1
Temperature&Rohs:
C:-40~85C ,Pb Free Rohs Std.
□
2
Package type:
C3:SOT-89-3
H:TO-92
N: TO220
□
3
Packing type:
TR:Tape&Reel (Standard)
BG:Bag (TO-92)
□
4
Output voltage:
e.g. 11=1.1V
15=1.5V
55=5.5V
□
5
Voltage accuracy:
2=±2%
Blank(default)=±5%
PIN CONFIGURATION
Marking Explanation
BL8051CC3TR50
SOT89-3
AEXX
LLBYW
N: Product Code
XX: Output Voltage
LL: LOT NO.
B: FAB Code
YW: Date Code
Marking Explanation
BL8051CHBG50
TO92
AEXX
LLBYW
N: Product Code
XX: Output Voltage
LL: LOT NO.
B: FAB Code
YW: Date Code
Marking Explanation
BL8051CHBG50
TO220
AEXX
LLBYW
N: Product Code
XX: Output Voltage
LL: LOT NO.
B: FAB Code
YW: Date Code
RECOMMENDED WORK CONDITIONS
Parameter
Value
Input Voltage Range
7V - 60V
Operating Junction Temperature(Tj)
-20C –85C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com