Electronic Components Datasheet Search
  English  ▼

X  

BL8519 Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL8519
Description  Built-in 2A Power MOSFET Step-down DC-DC Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8519 Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL8519 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8519 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8519 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8519 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8519 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8519 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8519 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.belling.com.cn
1
Built-in 2A Power MOSFET Step-down DC-DC Converter
BL8519
DESCRIPTION
BL8519 is a current mode PWM step-down
DC-DC converter that has an internal 2A
power switch. It has a wide input voltage
range of 3.6V to 20V, which make it suitable
for regulating a wide variety of power sources.
BL8519 is made up of a PWM control circuit,
a reference voltage unit, an error amplifier, a
protection circuit, Chip Enable circuit, and
under voltage lockout circuit. A low ripple high
efficiency step-down DC-DC converter can be
easily assembled by this IC with minimum
external components: an inductor, a diode,
capacitors and
resistors.
Desired
output
voltage can be achieved by adjusting the
value of external resistors.
The BL8519 has cycle-by-cycle current limit
circuitry; current limiting provides protection
against shorted output. The low current
(<5uA) shutdown provides complete output
disconnect,
enabling
easy
power
management in battery powered systems.
FEATURES
◆
◆
◆
◆ Range of Input Voltage: 3.6V~20V
◆
◆
◆
◆ Built-in 90m
Ω Power MOSFET
◆
◆
◆
◆ <5µA Shutdown Current
◆
◆
◆
◆ Oscillation Frequency: 500KHz
◆
◆
◆
◆ High efficiency: 90%
◆
◆
◆
◆ 2.5A Peak Current Limit Cycle by
Cycle
◆
◆
◆
◆ Operating Temperature Range: -40℃
~85℃
◆
◆
◆
◆ Demo Board Available
APPLICATIONS
◆
◆
◆
◆ Power source for portable
communication equipment, cameras,
video instruments such as VCRs,
camcorders.
◆
◆
◆
◆ Power source for battery-powered
equipment.
◆
◆
◆
◆ Power source for household electrical
appliance
TYPICAL APPLICATION
BL
BL
BL
BL8
88
8519
519
519
519


Similar Part No. - BL8519

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8511 BELLING-BL8511 Datasheet
550Kb / 5P
Low Voltage Detector With Built-in Delay Circuit
BL8511CKCTR BELLING-BL8511CKCTR Datasheet
550Kb / 5P
Low Voltage Detector With Built-in Delay Circuit
BL8511CKCTR140N BELLING-BL8511CKCTR140N Datasheet
550Kb / 5P
Low Voltage Detector With Built-in Delay Circuit
BL8516 BELLING-BL8516 Datasheet
456Kb / 7P
1.2A Step-down DC-DC Converter
More results

Similar Description - BL8519

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT7301 AAT-AAT7301 Datasheet
554Kb / 11P
2A 15V STEP-DOWN DC-DC CONVERTER
October 2007 Version 1.00
logo
Silan Microelectronics ...
SD46520 SILAN-SD46520 Datasheet
505Kb / 8P
400KHZ 2A STEP-DOWN DC-DC CONVERTER
logo
Holtek Semiconductor In...
HT7465 HOLTEK-HT7465 Datasheet
1Mb / 11P
2A Step-Down DC to DC Converter
September 02, 2011
logo
ACE Technology Co., LTD...
ACE722 ACE-ACE722 Datasheet
535Kb / 8P
2A Step-down DC-DC Converter
VER 1.6
logo
Active-Semi, Inc
ACT2102 ACTIVE-SEMI-ACT2102 Datasheet
707Kb / 16P
18V/2A Step-Down DC/DC Converter
Rev 2, 23-May-12
ACT4060B ACTIVE-SEMI-ACT4060B Datasheet
705Kb / 16P
18V/2A Step-Down DC/DC Converter
Rev 1, 23-May-12
logo
BCD Semiconductor Manuf...
AUR9719 BCDSEMI-AUR9719 Datasheet
748Kb / 19P
1.5MHz, 2A, STEP DOWN DC-DC CONVERTER
logo
ELM Electronics
ELM605DA ELM-ELM605DA Datasheet
827Kb / 13P
2A synchronous step-down DC/DC converter
logo
Diodes Incorporated
AP3419 DIODES-AP3419 Datasheet
471Kb / 9P
2A STEP-DOWN DC-DC BUCK CONVERTER
Rev 3
logo
ARTSCHIP ELECTRONICS CO...
MPS1410 ARTSCHIP-MPS1410 Datasheet
350Kb / 7P
2A Step Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com