Electronic Components Datasheet Search
  English  ▼

X  

BL8519 Datasheet(PDF) 3 Page - SHANGHAI BELLING CO., LTD.

Part # BL8519
Description  Built-in 2A Power MOSFET Step-down DC-DC Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8519 Datasheet(HTML) 3 Page - SHANGHAI BELLING CO., LTD.

  BL8519 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8519 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8519 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8519 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8519 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8519 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8519 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.belling.com.cn
3
BL8519
ABSOLUTE MAXIMUM RATING
Supply Voltage
23V
SW Pin Voltage
25V
CE Pin Voltage
–0.3V to Vin+0.3V
FB Pin Voltage
–0.3V to 6V
Operating Ambient Temperature Range
–40°C to 85°C
Storage Temperature Range
–65°C to 150°C
Lead Temperature (Soldering, 10 sec)
260°C
Thermal resistance: ΘJA
150°C/W
ELECTRICAL CHARACTERISTICS
(Test condition: Ta=25ºC, VIN=12V,unless otherwise noted.)
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VUVLO
Under Voltage Lockout
3.35
3.6
V
VFB
Feedback Voltage
1.225
1.25
1.275
V
IFB
FB Pin Bias Current
VFB=1.25V
150
600
nA
IQ
Supply Current
VFB=1.3V, VCE=VIN
2
mA
Quiescent Current in
Shutdown
VCE=0V
2
5
uA
VFB/
V
△
△
Reference Line
Regulation
VIN=5V to 20V
0.08
%/V
△VFB/△T
Feedback Voltage
Temperature
Coefficient
-40℃ ≤ Topt≤ 85℃
±100
ppm/℃
FOSC_MAX
Oscillator Frequency
VFB=1.1V
500
KHz
FOSCTH
Frequency Shift
Threshold on FB Pin
FSW=200K
0.44
V
DMAX
Max Duty Cycle
97
%
ILIMIT
Switch Current Limit
2.5
A
Rds_on
Static P-Channel
MOSFET On State
Resistance
90*
m
Ω
ISW
Switch Leakage
Current
1
uA
ICEH
CE “H” Input Current
VCE =3V
6.7
15
uA
ICEL
CE “L” Input Current
VCE = 0V
0.03
0.1
uA
VCEH
CE “H” Input Voltage
VIN = 12V
1.8
V
VCEL
CE “L” Input Voltage
VIN = 12V
0.4
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com